Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841484I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS841484I
Description  FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841484I Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS841484I Datasheet HTML 1Page - Renesas Technology Corp ICS841484I Datasheet HTML 2Page - Renesas Technology Corp ICS841484I Datasheet HTML 3Page - Renesas Technology Corp ICS841484I Datasheet HTML 4Page - Renesas Technology Corp ICS841484I Datasheet HTML 5Page - Renesas Technology Corp ICS841484I Datasheet HTML 6Page - Renesas Technology Corp ICS841484I Datasheet HTML 7Page - Renesas Technology Corp ICS841484I Datasheet HTML 8Page - Renesas Technology Corp ICS841484I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DATA SHEET
ICS841484DKI REVISION A NOVEMBER 7, 2012
1
©2012 Integrated Device Technology, Inc.
FemtoClock® Crystal-to-0.7V Differential
HCSL Clock Generator
ICS841484I
General Description
The ICS841484I is an optimized PCIe and sRIO clock generator.
The device uses a 25MHz parallel resonant crystal to generate
100MHz, 125MHz, 200MHz and 400MHz clock signals, replacing
solutions requiring multiple oscillator and fanout buffer solutions. The
device has excellent phase jitter suitable to clock components
requiring precise and low jitter PCIe, sRIO or both clock signals. The
device also supports a configurable spread-spectrum generation for
PCIe applications. Designed for telecom, networking and industrial
applications, the ICS841484I can also drive the high-speed sRIO
and PCIe SerDes clock inputs of communications processors,
DSPs, switches and bridges.
Features
• Four 0.7V differential HCSL outputs: configurable for PCIe
(100MHz or 200MHz) and sRIO (125MHz) clock signals
• One LVCMOS/LVTTL reference clock output
• Selectable crystal oscillator interface, 25MHz, 18pF parallel
resonant crystal or LVCMOS/LVTTL single-ended reference clock
input
• Supports the following output frequencies: 100MHz, 125MHz,
200MHz or 400MHz
• VCO frequency range: 950MHz - 1.25GHz
• Configurable spread-spectrum generation for PCIe
• PLL bypass and output enable
• RMS phase jitter @ 200MHz, using a 25MHz crystal
(12kHz – 20MHz): 1.21ps (typical)
• PCI Express (2.5 Gb/S), Gen 2 (5 Gb/s) and Gen 3 (8 Gb/s) jitter
compliant (REF_OUT disabled)
• Full 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) packages
0
1
1
0
M =
÷
÷40, ÷÷48
OSC
FemtoClock
PLL
Spread-Spectrum
Q0
REF_OUT
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pullup:Pulldown
Pulldown
XTAL_IN
XTAL_OUT
REF_IN
OE_REFOUT
REF_SEL
IREF
SSM
FSEL[1:0]
MR/nOE
BYPASS
2
25MHz
25MHz
÷
÷
÷
÷
=
N
Block Diagram
Pin Assignment
9 10 11 12 13 14 15 16
32 31 30 29 28 27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
XTAL_IN
XTAL_OUT
MR/nOE
VDD
Q0
nQ0
Q1
nQ1
VDD
FSEL1
FSEL0
REF_OUT
OE_REFOUT
GND
nc
nc
ICS841484I
32-Lead VFQFN
5mm x 5mm x 0.925mm
package body
K Package
Top View


Similar Part No. - ICS841484I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS841402I RENESAS-ICS841402I Datasheet
915Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
More results

Similar Description - ICS841484I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841664I IDT-ICS841664I Datasheet
312Kb / 16P
FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS841664AGILFT IDT-ICS841664AGILFT Datasheet
311Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
ICS841664I IDT-ICS841664I_13 Datasheet
374Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841604 RENESAS-841604 Datasheet
612Kb / 18P
FemtoClock® NG Crystal-to-HCSL Clock Generator
4/17/15
841608 RENESAS-841608 Datasheet
1Mb / 20P
FemtoClock® Crystal-to-HCSL Clock Generator
January 31, 2023
ICS841604I-01 RENESAS-ICS841604I-01 Datasheet
551Kb / 20P
FemtoClock® Crystal-to-0.7V Differential
APRIL 10, 2012
ICS841664I RENESAS-ICS841664I Datasheet
662Kb / 20P
FemtoClock® Crystal-to-HCSL Clock Generator
JULY 15, 2013
IDT8V41N004I RENESAS-IDT8V41N004I Datasheet
1Mb / 27P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
841654 RENESAS-841654 Datasheet
492Kb / 19P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
ICS841402I RENESAS-ICS841402I Datasheet
915Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com