Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32AC Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS32AC
Description  AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS32AC Datasheet(HTML) 3 Page - Texas Instruments

  AM26LS32AC Datasheet HTML 1Page - Texas Instruments AM26LS32AC Datasheet HTML 2Page - Texas Instruments AM26LS32AC Datasheet HTML 3Page - Texas Instruments AM26LS32AC Datasheet HTML 4Page - Texas Instruments AM26LS32AC Datasheet HTML 5Page - Texas Instruments AM26LS32AC Datasheet HTML 6Page - Texas Instruments AM26LS32AC Datasheet HTML 7Page - Texas Instruments AM26LS32AC Datasheet HTML 8Page - Texas Instruments AM26LS32AC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
4
1Y
5
G
6
NC
7
2Y
8
2A
14
3Y
15
G
16
NC
17
4Y
18
4A
Not to scale
1
1B
16
VCC
2
1A
15
4B
3
1Y
14
4A
4
G
13
4Y
5
2Y
12
G
6
2A
11
3Y
7
2B
10
3A
8
GND
9
3B
Not to scale
3
AM26LS32AC, AM26LS32AI, AM26LS32AM
AM26LS33AC, AM26LS33AM
www.ti.com
SLLS115F – OCTOBER 1980 – REVISED SEPTEMBER 2016
Product Folder Links: AM26LS32AC AM26LS32AM AM26LS33AM
Submit Documentation Feedback
Copyright © 1980–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, J, N, NS, and PW Package
16-Pin SOIC, CDIP, PDIP, SO, and TSSOP
Top View
FK Package
20-Pin LCCC
Top View
NC - No internal connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC, CDIP, PDIP,
SO, TSSOP
LCCC
1A
2
3
I
RS422/RS485 differential input (noninverting)
1B
1
2
I
RS422/RS485 differential input (inverting)
1Y
3
4
O
Logic level output
2A
6
8
I
RS422/RS485 differential input (noninverting)
2B
7
9
I
RS422/RS485 differential input (inverting)
2Y
5
7
O
Logic level output
3A
10
13
I
RS422/RS485 differential input (noninverting)
3B
9
12
I
RS422/RS485 differential input (inverting)
3Y
11
14
O
Logic level output
4A
14
18
I
RS422/RS485 differential input (noninverting)
4B
15
19
I
RS422/RS485 differential input (inverting)
4Y
13
17
O
Logic level output
G
12
15
I
Active-Low select
G
4
5
I
Active-High select
GND
8
10
—
Ground
NC
—
1, 6, 11, 16
—
No internal connection
VCC
16
20
—
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com