Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32AC Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS32AC
Description  AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS32AC Datasheet(HTML) 10 Page - Texas Instruments

Back Button AM26LS32AC Datasheet HTML 6Page - Texas Instruments AM26LS32AC Datasheet HTML 7Page - Texas Instruments AM26LS32AC Datasheet HTML 8Page - Texas Instruments AM26LS32AC Datasheet HTML 9Page - Texas Instruments AM26LS32AC Datasheet HTML 10Page - Texas Instruments AM26LS32AC Datasheet HTML 11Page - Texas Instruments AM26LS32AC Datasheet HTML 12Page - Texas Instruments AM26LS32AC Datasheet HTML 13Page - Texas Instruments AM26LS32AC Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
100 k
100 k
8.3 k
85
20 k
960
960
Copyright © 2016, Texas Instruments Incorporated
10%
90%
10%
90%
0
3 V
10%
10%
90%
90%
1.3 V1.3 V
1.3 V
1.3 V
3 V
0
tPZL
1.3 V
S1 Closed
S2 Open
S1 Closed
S2 Closed
VOL
0.5 V
tPLZ
Output
Enable G
Enable G
≤5 ns
≤5 ns
≈1.4 V
10
AM26LS32AC, AM26LS32AI, AM26LS32AM
AM26LS33AC, AM26LS33AM
SLLS115F – OCTOBER 1980 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: AM26LS32AC AM26LS32AM AM26LS33AM
Submit Documentation Feedback
Copyright © 1980–2016, Texas Instruments Incorporated
Parameter Measurement Information (continued)
A.
CL includes probe and jig capacitance.
B.
All diodes are 1N3064 or equivalent.
C.
Enable G is tested with G high, G is tested with G low.
Figure 14. Voltage Waveforms For tPLZ, tPZL
Figure 15. Schematics of Inputs and Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com