Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32AC Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS32AC
Description  AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS32AC Datasheet(HTML) 11 Page - Texas Instruments

Back Button AM26LS32AC Datasheet HTML 7Page - Texas Instruments AM26LS32AC Datasheet HTML 8Page - Texas Instruments AM26LS32AC Datasheet HTML 9Page - Texas Instruments AM26LS32AC Datasheet HTML 10Page - Texas Instruments AM26LS32AC Datasheet HTML 11Page - Texas Instruments AM26LS32AC Datasheet HTML 12Page - Texas Instruments AM26LS32AC Datasheet HTML 13Page - Texas Instruments AM26LS32AC Datasheet HTML 14Page - Texas Instruments AM26LS32AC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
4
12
2
1
3
6
7
5
10
9
11
14
15
13
G
G
1A
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
Copyright © 2016, Texas Instruments Incorporated
11
AM26LS32AC, AM26LS32AI, AM26LS32AM
AM26LS33AC, AM26LS33AM
www.ti.com
SLLS115F – OCTOBER 1980 – REVISED SEPTEMBER 2016
Product Folder Links: AM26LS32AC AM26LS32AM AM26LS33AM
Submit Documentation Feedback
Copyright © 1980–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The AM26LS32 is a quadruple-differential line receiver that meets the necessary requirements for NSI TIA/EIA-
422-B, TIA/EIA-423-B, and ITU Recommendation V.10 and V.11. This device allows a low-power or low-voltage
MCU to interface with heavy machinery, subsystems, and other devices through long wires of up to 1000 m,
giving any design a reliable and easy-to-use connection. As any RS422 interface, the AM26LS32 works in a
differential voltage range, which enables very good signal integrity.
8.2 Functional Block Diagram
Figure 16. Logic Diagram (Positive Logic)
8.3 Feature Description
The device can be configured using the G and G logic inputs to select receiver output. The high voltage or logic
1 on the G pin allows the device to operate on an active-high, and having a low voltage or logic 0 on the G
enables active low operation. These are simple ways to configure the logic to match that of the receiving or
transmitting controller or microprocessor.
8.4 Device Functional Modes
The receivers implemented in these RS422 devices can be configured using the G and G logic pins to be
enabled or disabled. This allows users to ignore or filter out transmissions as desired.
(1)
H = High level, L = Low level, X = Irrelevant, Z = High impedance (off), ? = Indeterminate
Table 1. Function Table, Each Receiver
DIFFERENTIAL
A–B
ENABLES(1)
OUTPUT(1)
Y
G
G
VID ≥ VIT+
H
X
H
X
L
H
VIT– ≤ VID ≤ VIT+
H
X
?
X
L
?
VID ≤ VIT–
H
X
L
X
L
L
X
L
H
Z
Open
H
X
H
X
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com