Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32AC Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS32AC
Description  AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS32AC Datasheet(HTML) 12 Page - Texas Instruments

Back Button AM26LS32AC Datasheet HTML 8Page - Texas Instruments AM26LS32AC Datasheet HTML 9Page - Texas Instruments AM26LS32AC Datasheet HTML 10Page - Texas Instruments AM26LS32AC Datasheet HTML 11Page - Texas Instruments AM26LS32AC Datasheet HTML 12Page - Texas Instruments AM26LS32AC Datasheet HTML 13Page - Texas Instruments AM26LS32AC Datasheet HTML 14Page - Texas Instruments AM26LS32AC Datasheet HTML 15Page - Texas Instruments AM26LS32AC Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Copyright © 2016, Texas Instruments Incorporated
12
AM26LS32AC, AM26LS32AI, AM26LS32AM
AM26LS33AC, AM26LS33AM
SLLS115F – OCTOBER 1980 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: AM26LS32AC AM26LS32AM AM26LS33AM
Submit Documentation Feedback
Copyright © 1980–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
When using AM26LS32A as a receiver, the AM26LS31AC can allow multiple AM26LS32As to be used causing
an increase in the amount of outputs.
9.2 Typical Application
Figure 17 shows a configuration with no termination. Although reflections are present at the receiver inputs at a
data signaling rate of 200 kbps with no termination, the RS-422-compliant receiver reads only the input
differential voltage and produces a clean signal at the output.
†R
T equals the characteristic impedance of the line.
Figure 17. Application Diagram
9.2.1 Design Requirements
Resistor and capacitor (if used) termination values are shown for each laboratory experiment, but vary from
system to system. For example, the termination resistor, RT, must be within 20% of the characteristic impedance,
ZO, of the cable and can vary from about 80 Ω to 120 Ω.
9.2.2 Detailed Design Procedure
Add a VCC bypass capacitor (0.1 µF or more). Either enable (G pin) input can turn on the receivers, so connect
the desired enable to a compatible logic line output. The other enable input must be tied to the inactive state
supply rail. If the receivers must always be active, then connect both enables to the supply rail such that at least
one is set to an active-state rail. VCC must be 5 V within 10% and logic inputs must provide TTL-compatible
voltage levels A & B Inputs can lead to an external connector or can be left unconnected. The last receiver on a
cable requires termination, either on-board or use as an external resistor. Unused Y outputs can be left
unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com