Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS32AC Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AM26LS32AC
Description  AM26LS32Ax, AM26LS33Ax Quadruple Differential Line Receivers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS32AC Datasheet(HTML) 22 Page - Texas Instruments

Back Button AM26LS32AC Datasheet HTML 18Page - Texas Instruments AM26LS32AC Datasheet HTML 19Page - Texas Instruments AM26LS32AC Datasheet HTML 20Page - Texas Instruments AM26LS32AC Datasheet HTML 21Page - Texas Instruments AM26LS32AC Datasheet HTML 22Page - Texas Instruments AM26LS32AC Datasheet HTML 23Page - Texas Instruments AM26LS32AC Datasheet HTML 24Page - Texas Instruments AM26LS32AC Datasheet HTML 25Page - Texas Instruments AM26LS32AC Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
12-Aug-2022
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-7802003M2A
FK
LCCC
20
1
506.98
12.06
2030
NA
5962-7802003MFA
W
CFP
16
1
506.98
26.16
6220
NA
5962-7802004M2A
FK
LCCC
20
1
506.98
12.06
2030
NA
5962-7802004MFA
W
CFP
16
1
506.98
26.16
6220
NA
AM26LS32ACD
D
SOIC
16
40
507
8
3940
4.32
AM26LS32ACD
D
SOIC
16
40
506.6
8
3940
4.32
AM26LS32ACDE4
D
SOIC
16
40
507
8
3940
4.32
AM26LS32ACDE4
D
SOIC
16
40
506.6
8
3940
4.32
AM26LS32ACDG4
D
SOIC
16
40
507
8
3940
4.32
AM26LS32ACDG4
D
SOIC
16
40
506.6
8
3940
4.32
AM26LS32ACN
N
PDIP
16
25
506
13.97
11230
4.32
AM26LS32ACPW
PW
TSSOP
16
90
530
10.2
3600
3.5
AM26LS32AID
D
SOIC
16
40
507
8
3940
4.32
AM26LS32AIDE4
D
SOIC
16
40
507
8
3940
4.32
AM26LS32AIDG4
D
SOIC
16
40
507
8
3940
4.32
AM26LS32AIN
N
PDIP
16
25
506
13.97
11230
4.32
AM26LS32AMFKB
FK
LCCC
20
1
506.98
12.06
2030
NA
AM26LS32AMWB
W
CFP
16
1
506.98
26.16
6220
NA
AM26LS33ACD
D
SOIC
16
40
507
8
3940
4.32
AM26LS33ACDG4
D
SOIC
16
40
507
8
3940
4.32
AM26LS33ACN
N
PDIP
16
25
506
13.97
11230
4.32
AM26LS33AMFKB
FK
LCCC
20
1
506.98
12.06
2030
NA
AM26LS33AMWB
W
CFP
16
1
506.98
26.16
6220
NA
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com