Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5860RKPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860RKPR
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860RKPR Datasheet(HTML) 4 Page - Texas Instruments

  LP5860RKPR Datasheet HTML 1Page - Texas Instruments LP5860RKPR Datasheet HTML 2Page - Texas Instruments LP5860RKPR Datasheet HTML 3Page - Texas Instruments LP5860RKPR Datasheet HTML 4Page - Texas Instruments LP5860RKPR Datasheet HTML 5Page - Texas Instruments LP5860RKPR Datasheet HTML 6Page - Texas Instruments LP5860RKPR Datasheet HTML 7Page - Texas Instruments LP5860RKPR Datasheet HTML 8Page - Texas Instruments LP5860RKPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
6 Pin Configuration and Functions
1
2
3
4
5
6
7
8
GND
24
23
22
21
20
19
18
17
VCC
CS10
CS11
CS12
CS13
CS14
CS15
CS16
CS17
CS6
CS5
CS4
CS3
CS2
CS1
CS0
Figure 6-1. LP5861T RSM Package 32-Pin VQFN with Exposed Thermal Pad Top View
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
VCC
Power
Power supply for device. A 1-μF capacitor must be connected between this pin with GND
and be placed as close to the device as possible.
2
CS0
O
Current sink 0. If not used, this pin can be floating.
3
CS1
O
Current sink 1. If not used, this pin can be floating.
4
CS2
O
Current sink 2. If not used, this pin can be floating.
5
CS3
O
Current sink 3. If not used, this pin can be floating.
6
CS4
O
Current sink 4. If not used, this pin can be floating.
7
CS5
O
Current sink 5. If not used, this pin can be floating.
8
CS6
O
Current sink 6. If not used, this pin can be floating.
9
CS7
O
Current sink 7. If not used, this pin can be floating.
10
CS8
O
Current sink 8. If not used, this pin can be floating.
11/12/13/14
NC
O
No connection. This pin must be floating.
15
VLED
Power
Power input for high-side switches.
16
CS9
O
Current sink 9. If not used, this pin can be floating.
17
CS10
O
Current sink 10. If not used, this pin can be floating.
18
CS11
O
Current sink 11. If not used, this pin can be floating.
19
CS12
O
Current sink 12. If not used, this pin can be floating.
20
CS13
O
Current sink 13. If not used, this pin can be floating.
21
CS14
O
Current sink 14. If not used, this pin can be floating.
LP5861T
SNVSCE4 – MAY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com