Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5860RKPR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860RKPR
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860RKPR Datasheet(HTML) 44 Page - Texas Instruments

Back Button LP5860RKPR Datasheet HTML 40Page - Texas Instruments LP5860RKPR Datasheet HTML 41Page - Texas Instruments LP5860RKPR Datasheet HTML 42Page - Texas Instruments LP5860RKPR Datasheet HTML 43Page - Texas Instruments LP5860RKPR Datasheet HTML 44Page - Texas Instruments LP5860RKPR Datasheet HTML 45Page - Texas Instruments LP5860RKPR Datasheet HTML 46Page - Texas Instruments LP5860RKPR Datasheet HTML 47Page - Texas Instruments LP5860RKPR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
8.6.7.1 DC0 Register (Address = 100h) [Default = 80h]
DC0 is shown in Figure 8-47 and described in Table 8-46.
Return to the Summary Table.
Figure 8-47. DC0 Register
7
6
5
4
3
2
1
0
LED_dot_current_setting_for_CS0
R/W-80h
Table 8-46. DC0 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
LED_dot_current_setting_f
or_CS0
R/W
80h
8-bits constant current value for CS0
8.6.7.2 DC1 Register (Address = 101h) [Default = 80h]
DC1 is shown in Figure 8-48 and described in Table 8-47.
Return to the Summary Table.
Figure 8-48. DC1 Register
7
6
5
4
3
2
1
0
LED_dot_current_setting_for_CS1
R/W-80h
Table 8-47. DC1 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
LED_dot_current_setting_f
or_CS1
R/W
80h
8-bits constant current value for CS1
8.6.7.3 DC2 Register (Address = 102h) [Default = 80h]
DC2 is shown in Figure 8-49 and described in Table 8-48.
Return to the Summary Table.
Figure 8-49. DC2 Register
7
6
5
4
3
2
1
0
LED_dot_current_setting_for_CS2
R/W-80h
Table 8-48. DC2 Register Field Descriptions
Bit
Field
Type
Default
Description
7-0
LED_dot_current_setting_f
or_CS2
R/W
80h
8-bits constant current value for CS2
8.6.7.4 DC3 Register (Address = 103h) [Default = 80h]
DC3 is shown in Figure 8-50 and described in Table 8-49.
Return to the Summary Table.
Figure 8-50. DC3 Register
7
6
5
4
3
2
1
0
LP5861T
SNVSCE4 – MAY 2023
www.ti.com
44
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com