Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5860RKPR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860RKPR
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860RKPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP5860RKPR Datasheet HTML 23Page - Texas Instruments LP5860RKPR Datasheet HTML 24Page - Texas Instruments LP5860RKPR Datasheet HTML 25Page - Texas Instruments LP5860RKPR Datasheet HTML 26Page - Texas Instruments LP5860RKPR Datasheet HTML 27Page - Texas Instruments LP5860RKPR Datasheet HTML 28Page - Texas Instruments LP5860RKPR Datasheet HTML 29Page - Texas Instruments LP5860RKPR Datasheet HTML 30Page - Texas Instruments LP5860RKPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
Figure 8-19. Dev_config1 Register
7
6
5
4
3
2
1
0
RESERVED
PWM_Scale_M
ode
PWM_Phase_S
hift
RESERVED
R-0h
R/W-0h
R/W-0h
R-0h
Table 8-12. Dev_config1 Register Field Descriptions
Bit
Field
Type
Default
Description
7-3
RESERVED
R
0h
Reserved
2
PWM_Scale_Mode
R/W
0h
Dimming scale setting of final PWM generator
0h = Linear scale dimming curve
1h = Exponential scale dimming curve
1
PWM_Phase_Shift
R/W
0h
PWM phase shift selection
0h = Phase shift off
1h = Phase shift on
0
RESERVED
R
0h
Reserved
www.ti.com
LP5861T
SNVSCE4 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com