Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5860RKPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860RKPR
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860RKPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5860RKPR Datasheet HTML 17Page - Texas Instruments LP5860RKPR Datasheet HTML 18Page - Texas Instruments LP5860RKPR Datasheet HTML 19Page - Texas Instruments LP5860RKPR Datasheet HTML 20Page - Texas Instruments LP5860RKPR Datasheet HTML 21Page - Texas Instruments LP5860RKPR Datasheet HTML 22Page - Texas Instruments LP5860RKPR Datasheet HTML 23Page - Texas Instruments LP5860RKPR Datasheet HTML 24Page - Texas Instruments LP5860RKPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
SCL
SDA
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
1
8
9
1
CA4
CA3
CA2
CA1
CA0
RA9
RA8
W
ACK
RA7
RA6
RA0
ACK
D7
D0
ACK
D7
Address Byte 1
Address Byte 2
RA5
RA4
RA3
RA2
RA1
8
9
D0
NACK
Start
Stop
Data Byte 2
10
1
2
3
4
5
6
7
8
9
CA4
CA3
CA2
CA1
CA0
RA9
RA8
R
ACK
Address Byte 1
Restart
Data Byte 1
Figure 8-12. I2C Read Timing
Multiple Devices Connection
The LP5861T enters into I2C mode if IFS is connected to GND. The ADDR0/1 pin is used to select the unique
I2C follower address for each device. The SCL and SDA lines must each have a pullup resistor (4.7 KΩ for 400
KHz, 2 KΩ for 1 MHz) placed somewhere on the line and remain HIGH even when the bus is idle. VIO_EN
can either be connected with VIO power supply or GPIO. TI suggests to put one 1-nF cap as closer to VIO_EN
pin as possible. Up to four LP5861T follower devices can share the same I2C bus by the different ADDR
configurations.
VIO_EN
SDA
SCL
MCU
GND
Device 0
ADDR0
ADDR1
VIO
EN
SDA
SCL
VIO
Device 1
ADDR0
ADDR1
VSYNC
VIO_EN
SDA
SCL
GND
Device N
(N=1,2,3)
ADDR0
ADDR1
VSYNC
IFS
IFS
Figure 8-13. I2C Multiple Devices Connection
SPI Interface
The LP5861T is compatible with SPI serial-bus specification, and it operates as a follower. The maximum
frequency supported by LP5861T is 12 MHz.
SPI Data Transactions
MISO output is normally in a high impedance state. When the follower-select pin SS for the device is active
(low) the MISO output is pulled low for read only. During write cycle MISO stays in high-impedance state. The
follower-select signal SS must be low during the cycle transmission. SS resets the interface when high. Data is
clocked in on the rising edge of the SCLK clock signal, while data is clocked out on the falling edge of SCLK.
SPI Data Format
The address and data bits are transmitted MSB first with 8-bits length format in each cycle. Each transmission is
started with Address Byte 1, which contains 8 higher bits of the register address. The Address Byte 2 is started
with 2 lower bits of the register address and 1 read and write bit. The auto-increment feature allows writing and
www.ti.com
LP5861T
SNVSCE4 – MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com