Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5860RKPR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP5860RKPR
Description  LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5860RKPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5860RKPR Datasheet HTML 10Page - Texas Instruments LP5860RKPR Datasheet HTML 11Page - Texas Instruments LP5860RKPR Datasheet HTML 12Page - Texas Instruments LP5860RKPR Datasheet HTML 13Page - Texas Instruments LP5860RKPR Datasheet HTML 14Page - Texas Instruments LP5860RKPR Datasheet HTML 15Page - Texas Instruments LP5860RKPR Datasheet HTML 16Page - Texas Instruments LP5860RKPR Datasheet HTML 17Page - Texas Instruments LP5860RKPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
A PWM phase-shifting scheme is implemented in each current sink to avoid the current overshot when turning
on simultaneously. As the LED drivers are not activated simultaneously, the peak load current from the pre-stage
power supply is significantly decreased. This scheme also reduces input-current ripple and ceramic-capacitor
audible ringing. LED drivers are grouped into three different phases. By configuring the 'PWM_Phase_Shift' in
Dev_config1 register, which is default off, the LP5861T supports tphase_shift = 125-ns shifting time shown in Figure
8-1.
• Phase 1: CS0, CS3, CS6, CS9, CS12, CS15
• Phase 2: CS1, CS4, CS7, CS10, CS13, CS16
• Phase 3: CS2, CS5, CS8, CS11, CS14, CS17
Phase 1
Phase 2
Phase 3
Phase Shi
Phase Shi
Figure 8-1. Phase Shift
• Low Brightness Compensation: three groups compensation are implemented to overcome the color-
shift and non-uniformity in low brightness conditions. The compensation capability can be through
'Comp_Group1', 'Comp_Group2', and 'Comp_Group3' in Dev_config2 register.
– Compensation_group 1: CS0, CS3, CS6, CS9, CS12, CS15
– Compensation_group 2: CS1, CS4, CS7, CS10, CS13, CS16
– Compensation_group 3: CS2, CS5, CS8, CS11, CS14, CS17
The LP5861T allows users to configure the dimming scale either exponentially (Gamma Correction) or linearly
through the 'PWM_Scale_Mode' in Dev_config1 register. If a human-eye-friendly dimming curve is desired, using
the internal fixed exponential scale is an easy approach. If a special dimming curve is desired, using the linear
scale with software correction is recommended. The LP5861T supports both linear and exponential dimming
curves under 8-bit and 16-bit PWM depth. Figure 8-2 is an example of 8-bit PWM depth.
LP5861T
SNVSCE4 – MAY 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5861T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com