Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5530ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5530ACPZ-R7
Description  DC to 1000 MHz IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5530ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5530ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADL5530
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VPOS = 5 V and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION (See Table 2)
Frequency Range1
10
1000
MHz
Gain (S21)
16.5
dB
Input Return Loss (S11)
−11
dB
Output Return Loss (S22)
−20
dB
Reverse Isolation (S12)
−21.5
dB
FREQUENCY = 70 MHz
Gain
15
16.7
18
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.1
dB
vs. Supply
4.75 V to 5.25 V
±0.02
dB
Output 1 dB Compression Point
21.7
dBm
Output Third-Order Intercept
∆f = 10 MHz , Output Power (POUT)= 10 dBm per tone
37
dBm
Noise Figure
5
dB
VPOS = 3 V
3.2
dB
FREQUENCY = 190 MHz
Gain
15
16.8
18.5
dB
vs. Frequency
± 50 MHz
±0.1
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.2
dB
vs. Supply
4.75 V to 5.25 V
±0.02
dB
Output 1 dB Compression Point
21.8
dBm
Output Third-Order Intercept
∆f = 10 MHz , POUT = 10 dBm per tone
37
dBm
Noise Figure
3
4.5
dB
VPOS = 3 V
2.3
dB
FREQUENCY = 380 MHz
Gain
14.8
16
17.3
dB
vs. Frequency
± 50 MHz
±0.1
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.3
±0.8
dB
vs. Supply
4.75 V to 5.25 V
±0.02
dB
Output 1 dB Compression Point
19.5
21.6
dBm
Output Third-Order Intercept
∆f = 10 MHz , POUT = 10 dBm per tone
36
dBm
Noise Figure
2.5
3.5
dB
VPOS = 3 V
2
dB
FREQUENCY = 900 MHz
Gain
13
14.5
16
dB
vs. Frequency
± 50 MHz
±0.2
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.5
±1
dB
vs. Supply
4.75 V to 5.25 V
±0.02
dB
Output 1 dB Compression Point
21.4
dBm
Output Third-Order Intercept
∆f = 10 MHz , POUT = 10 dBm per tone
37
dBm
Noise Figure
2.7
3.5
dB
VPOS = 3 V
2.3
dB
POWER INTERFACE
Pin VPOS
Supply Voltage (VPOS)
3
5
5.5
V
Supply Current
110
135
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
±5
mA
Power Dissipation
VPOS = 5 V
0.55
W
VPOS = 3 V
0.33
W
1 For operation at lower frequencies, see the Theory of Operation section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com