Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5530ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5530ACPZ-R7
Description  DC to 1000 MHz IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5530ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5530ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DC to 1000 MHz
IF Gain Block
ADL5530
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Fixed gain of 16.5 dB
Operation up to 1000 MHz
37 dBm Output Third-Order Intercept (OIP3)
3 dB noise figure
Input/output internally matched to 50 Ω
Stable temperature and power supply
3 V or 5 V power supply
110 mA power supply current
APPLICATIONS
VCO buffers
General purpose Tx/Rx amplification
FUNCTIONAL BLOCK DIAGRAM
NC = NO CONNECT
1
NC
2
IN1
3
NC
4
NC
8GND
7OUT1
6NC
5NC
ADL5530
Figure 1.
GENERAL DESCRIPTION
The ADL5530 is a broadband, fixed-gain, linear amplifier that
operates at frequencies up to 1000 MHz. The device can be used
in a wide variety of wired and wireless devices, including
cellular, broadband, CATV, and LMDS/MMDS applications.
The ADL5530 provides a gain of 16.5 dB, which is stable over
frequency, temperature, power supply, and from device to
device. It achieves an OIP3 of 37 dBm with an output
compression point of 21.8 dB and a noise figure of 3 dB.
This amplifier is single-ended and internally matched to 50 Ω
with an input return loss of 11 dB. Only input/output
ac-coupling capacitors, a power supply decoupling capacitor,
and an external inductor are required for operation.
The ADL5530 operates with supply voltages of 3 V or 5 V with
a supply current of 110 mA.
The ADL5530 is fabricated on a GaAs pHEMPT process. The
device is packaged in a 3 mm × 2 mm LFCSP that uses an
exposed paddle for excellent thermal impedance. It operates
from −40°C to +85°C. A fully populated evaluation board is
also available.


Similar Part No. - ADL5530ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5530ACPZ-R7 AD-ADL5530ACPZ-R7 Datasheet
399Kb / 16P
DC to 1000 MHz IF Gain Block
Feb-2017
More results

Similar Description - ADL5530ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5534 AD-ADL5534 Datasheet
366Kb / 9P
20 MHz to 500 MHz IF Gain Block
May-2007
ADL5531 AD-ADL5531 Datasheet
321Kb / 12P
20 MHz to 500 MHz IF Gain Block
8/07-Revision 0
ADL5530 AD-ADL5530_15 Datasheet
438Kb / 16P
DC to 1000 MHz IF Gain Block
REV. A
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
20 MHz to 500 MHz IF Gain Block
REV. B
logo
Advanced Semiconductor ...
ASF130 ASB-ASF130 Datasheet
466Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF133 ASB-ASF133 Datasheet
455Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF140 ASB-ASF140 Datasheet
457Kb / 9P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF153 ASB-ASF153 Datasheet
587Kb / 11P
3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
August 2014
logo
Analog Devices
ADL5530 AD-ADL5530_17 Datasheet
399Kb / 16P
DC to 1000 MHz IF Gain Block
Feb-2017
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
20 MHz to 500 MHz IF Gain Block
Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com