Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5530ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5530ACPZ-R7
Description  DC to 1000 MHz IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5530ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5530ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADL5530
Rev. 0 | Page 10 of 12
THEORY OF OPERATION
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
The basic connections for operating the ADL5530 are shown in
Figure 21. Recommended components are listed in Table 5. The
inputs and outputs should be ac coupled with appropriately
sized capacitors (device characterization was performed with
10 nF capacitors). DC bias is provided to the amplifier via an
inductor connected to the RF output pin. The bias voltage
should be decoupled using a 10 nF capacitor.
Figure 23 shows the recommended land pattern for ADL5530.
To minimize thermal impedance, the exposed paddle on the
package underside should be soldered down to a ground plane
along with Pin 8. If multiple ground layers exist, they should be
stitched together using vias. Pin 1, Pin 3, Pin 4, Pin 5 and Pin 6
can be left unconnected, or can be connected to ground.
Connecting these pins to ground slightly enhances thermal
impedance.
A bias voltage of 5 V is recommended. However, the device is
specified to operate down to 3 V with a slightly reduced
compression point and a reduced noise figure.
PIN 1
0.33 mm
8
5
4
0.46mm
0.5mm
0.33mm
0.33mm
0.53mm
2.13mm
RFIN
3V TO 5V
1
2
3
4
8
7
6
5
C1
10nF
C2
10nF
RF OUT
C5
10nF
L1
470nH
NC = NO CONNECT
ADL5530
NC
IN1
NC
NC
GND
OUT1
NC
NC
Figure 21. Basic Connections
For operation down to 10 MHz, a larger biasing choke is
recommended (see Table 5) along with larger ac-coupling
capacitors.
Figure 23. Recommended Land Pattern
Figure 22 shows a plot of input return loss and gain
with the recommended components.
Table 5. Recommended Components for Basic Connections
Frequency
C1
C2
L1
C5
10 MHz to 50 MHz
0.1 μF
0.1 μF
3.3 μH
0.1 μF
50 MHz to 1000 MHz
10 nF
10 nF
470 nH
10 nF
20
–20
55
FREQUENCY (MHz)
0
15
10
5
0
–5
–10
–15
10
15
20
25
30
35
40
45
S11 (3.3µH)
S11 (470nH)
S21 (470nH)
S21 (3.3µH)
Figure 22. Performance at 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com