Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5530ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5530ACPZ-R7
Description  DC to 1000 MHz IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5530ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5530ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADL5530
Rev. 0 | Page 11 of 12
EVALUATION BOARD
Figure 24 shows the schematic for the ADL5530 evaluation
board. The board is powered by a single supply (between 3 V
and 5 V).
The components used on the board are listed in Table 6. Power
can be applied to the board through clip-on leads (J5, J6),
through an edge connector (P1), or through Jumper W1. Note
that IN2, OUT2, T1, T2, C6, C7 and C10 have no function.
Because Pin 1, Pin 3 and Pin 6 of ADL5530 are No Connects,
these pins are grounded on this PCB (this has no effect on
electrical performance).
J1
IN1
J5
VPOS
1
2
3
4
8
7
6
5
C1
10nF
C2
10nF
C5
10nF
C6
OPEN
C7
OPEN
C10
OPEN
L1
470nH
J2
OUT1
NC = NO CONNECT
J6
GND
ADL5530
NC
IN1
NC
NC
GND
OUT1
NC
NC
Figure 25. Evaluation Board Layout
Figure 24. Evaluation Board Schematic
Table 6. Evaluation Board Configuration Options
Component
Function
Default Value
C1, C2
AC-coupling capacitors.
10 nF 0402
C5
Power supply decoupling capacitor.
10 nF 0603
L1
DC bias inductor.
470 nH 1008
J5, J6
Clip-on terminals for power supply.
J5 = VPOS
J6 = GND
W1
2-pin jumper for connection of ground and supply via cable.
P1
Edge connector.
P1: A1 to A5 = GND
P1: B1 to B5 = GND
P1: A8 to A9 = VPOS
P1: B8 to B9 = VPOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com