Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5530ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5530ACPZ-R7
Description  DC to 1000 MHz IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5530ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5530ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5530ACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADL5530
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
0.30
0.23
0.18
SEATING
PLANE
0.20 REF
0.80 MAX
0.65 TYP
1.00
0.85
0.80
1.89
1.74
1.59
0.50 BSC
0.60
0.45
0.30
0.55
0.40
0.30
0.15
0.10
0.05
0.25
0.20
0.15
BOTTOM VIEW
4
1
58
3.25
3.00
2.75
1.95
1.75
1.55
2.95
2.75
2.55
PIN 1
INDICATOR
2.25
2.00
1.75
TOP VIEW
0.05 MAX
0.02 NOM
12° MAX
EXPOSEDPAD
Figure 26. 8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
2 mm × 3 mm Body, Very Thin, Dual Lead
CP-8-1
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
Ordering Quantity
ADL5530ACPZ-R7
−40°C to +85°C
8-Lead LFCSP_VD, 7”Tape and Reel
CP-8-1
OT
1500
1
ADL5530ACPZ-WP
−40°C to +85°C
8-Lead LFCSP_VD, Waffle Pack
CP-8-1
OT
50
1
ADL5530-EVAL
Evaluation Board
1
1 Z = Pb-free part.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05834-0-7/06(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com