Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4260IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4260IGN
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4260IGN Datasheet HTML 5Page - Linear Technology LTC4260IGN Datasheet HTML 6Page - Linear Technology LTC4260IGN Datasheet HTML 7Page - Linear Technology LTC4260IGN Datasheet HTML 8Page - Linear Technology LTC4260IGN Datasheet HTML 9Page - Linear Technology LTC4260IGN Datasheet HTML 10Page - Linear Technology LTC4260IGN Datasheet HTML 11Page - Linear Technology LTC4260IGN Datasheet HTML 12Page - Linear Technology LTC4260IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC4260
9
4260f
FU CTIO AL DIAGRA
–
+
UV
3.5V
UVS
OVS
RESET
ONS
VDD UVLO
3.5V
1.235V
1.235V
INTVCC
1.235V
7.45V
SOURCE
I2C
VDD – SENSE
5
I2C ADDR
UV
–
+
OV
3.5V
–
+
2V
PWRGD
FET ON
–
+
PG
–
+
RST
–
+
BP
BOARD
PRESENT
–
+
–
+
–
+
1.235V
–
+
0.2V
LOGIC
TM2
UVLO2
–
+
–
+
ON
UVLO1
FB
OV
GN/UH ONLY
BD_PRST
ON
10µA
SDAI
SDAO
SCL
ALERT
ADR0
ADR1
ADR2
GND
UH ONLY
EXPOSED
PAD
VDD
ADIN
1 OF 27
8
3.8V
VCC UVLO
4260 BD
INTVCC
TIMER
GPIO
INTVCC
VDD
100µA
1.8V
2µA
A/D CONVERTER
5.5V
GEN
TM1
SOURCE
GATE
–
+
CS
VDDK
VDD
18Ω
SENSE
UH ONLY
INTERNAL
POWER
CHARGE
PUMP
AND
GATE
DRIVER
FOLDBACK
20mV TO
50mV
GP
+ –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com