Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4260IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4260IGN
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4260IGN Datasheet HTML 20Page - Linear Technology LTC4260IGN Datasheet HTML 21Page - Linear Technology LTC4260IGN Datasheet HTML 22Page - Linear Technology LTC4260IGN Datasheet HTML 23Page - Linear Technology LTC4260IGN Datasheet HTML 24Page - Linear Technology LTC4260IGN Datasheet HTML 25Page - Linear Technology LTC4260IGN Datasheet HTML 26Page - Linear Technology LTC4260IGN Datasheet HTML 27Page - Linear Technology LTC4260IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC4260
24
4260f
APPLICATIO S I FOR ATIO
16
6
17
UV
BACKPLANE PLUG-IN
CARD
R3
2.05k
1%
R2
1k
1%
4
5
10
9
8
11
7
2
1
24
23
18
13
20
14
12
19
15
R1
5.76k
1%
VIN
12V
SDA
SCL
ALERT
GND
VDD
SENSE
LTC4260GN
INTVCC ADR0 ADR1
NC
ADR2
R6
100k
Q1
Si7880DP
RS
0.003Ω
R5
10Ω
C1
22nF
R7
6.65k
1%
R8
2.94k
1%
CT
0.68µF
R4
100k
CL
1000µF
C3
0.1µF
CF
0.1µF
25V
GATE
GND
FB
ADIN
GPIO
BD_PRST
TIMER
4260 F12
SOURCE
OV
SDAO
SDAI
SCL
ALERT
ON
+
Figure 12. 12A, 12V Card Resident Application
16
6
17
UV
BACKPLANE
PLUG-IN
CARD
R3
2.67k
1%
R2
1.74k
1%
4
5
9
10
8
7
2
1
24
23
18
13
20
14
12
19
15
4260 F13
R1
49.9k
1%
GND
VIN
–48V
VDD
SENSE
LTC4260GN
INTVCC ADR0 ADR1
NC
ADR2
R6
100k
Q1
FDB3632
RS
0.01Ω
R5
10Ω
C1
6.8nF
R7
43.7k
1%
OUTPUT
R8
3.57k
1%
CT
68nF
CL
330µF
100V
–48V
C3
0.1µF
C2
0.1µF
Q2
CMPTA42
OPTIONAL 5V
R14
1k
CF
0.1µF
GATE
GND
FB
ADIN
GPIO
BD_PRST
TIMER
SOURCE
OV
SDAI
SDA0
SCL
ON
SCL
SDA
3.3V
MOC207
MOC207
MOC207
–48V
INTVCC
R9
10k
INTVCC
INTVCC
R4
5.1k
R12
10k
R15
100Ω
R13
3.4k
R10
3.4k
–48V
Figure 13. 3A, –48V Card Resident Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com