Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4260IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4260IGN
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4260IGN Datasheet HTML 12Page - Linear Technology LTC4260IGN Datasheet HTML 13Page - Linear Technology LTC4260IGN Datasheet HTML 14Page - Linear Technology LTC4260IGN Datasheet HTML 15Page - Linear Technology LTC4260IGN Datasheet HTML 16Page - Linear Technology LTC4260IGN Datasheet HTML 17Page - Linear Technology LTC4260IGN Datasheet HTML 18Page - Linear Technology LTC4260IGN Datasheet HTML 19Page - Linear Technology LTC4260IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC4260
16
4260f
The SOA (safe operating area) curves of candidate FETs
must be evaluated to ensure that the heat capacity of the
package can stand 24W for 16ms. The SOA curves of the
Fairchild FDB3632 provide for 1A at 50V (50W) for 10ms,
satisfying the requirement.
The inrush current is set to 1A using C1:
CC
I
I
mF
A
A
nF
L
GATE UP
INRUSH
10 33
18
1
59
==
µ
=
()
..
Default values of R5 = 10Ω and R6 = 100k are chosen as
discussed previously.
The power dissipated in the FET during overcurrent must
be limited. The active current limit uses a timer to prevent
excessive energy dissipation in the FET. The worst-case
power occurs when the voltage versus current profile of
the foldback current limit is at the maximum. This occurs
when the current is 5A and the voltage is 1/2 of the 48V or
24V. See the Current Limit Sense Voltage vs FB Voltage in
the Typical Performance curves to view this profile. In
order to survive 120W, the FET SOA curve dictates the
maximum time at this power level. This particular FET
allows 300W at 1ms or less. Therefore, it is acceptable to
set the current limit timeout using CT to be 0.81ms:
C
ms
ms F
nF
T =
µ
[]
=
081
12
68
.
/
Note the minimum value for CT is 0.1nF.
Choose R1, R2, R3, R7 and R8 for the UV, OV and PG
threshold voltages:
VOVRISING = 71.2V, VOVFALLING = 69.44V (using VOV(TH) =
3.5V rising and 3.41V falling)
VUVRISING = 43V, VUVFALLING = 38.5V, (using VUV(TH) =
3.5V rising and 3.12V falling)
VPGRISING = 46.14V, VPGFALLING = 45V, (using VFB = 3.5V
rising and 3.411V falling)
In addition a 0.1µF ceramic bypass capacitor is placed on
the INTVCC pin. The complete circuit is shown in Figure 1.
Layout Considerations
To achieve accurate current sensing, a Kelvin connection
is recommended. The minimum trace width for 1oz cop-
per foil is 0.02" per amp to make sure the trace stays at a
reasonable temperature. Using 0.03" per amp or wider is
recommended. Note that 1oz copper exhibits a sheet
resistance of about 530µΩ/ . Small resistances add up
quickly in high current applications. To improve noise
immunity, put the resistive divider to the UV, OV and FB
pins close to the device and keep traces to VDD and GND
short. It is also important to put C3, the bypass capacitor
for the INTVCC pin, as close as possible between INTVCC
and GND. A 0.1µF capacitor from the UV pin (and OV pin
through resistor R2) to GND also helps reject supply
noise. Figure 5 shows a layout that addresses these
issues. Note that a surge suppressor, Z1, is placed be-
tween supply and ground using wide traces.
APPLICATIO S I FOR ATIO
SENSE
LTC4260
VDD
UV
R1
SENSE RESISTOR RS
ILOAD
VIN
GND
ILOAD
R2
R3
R8
C3
4260 F05
CF
OV
GND
INTVCC
FB
Z1
Figure 5. Recommended Layout for
R1, R2, R3, R8, CF, C3, Z1 and RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com