Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4260IGN Datasheet(PDF) 28 Page - Linear Technology

Part # LTC4260IGN
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260IGN Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC4260IGN Datasheet HTML 20Page - Linear Technology LTC4260IGN Datasheet HTML 21Page - Linear Technology LTC4260IGN Datasheet HTML 22Page - Linear Technology LTC4260IGN Datasheet HTML 23Page - Linear Technology LTC4260IGN Datasheet HTML 24Page - Linear Technology LTC4260IGN Datasheet HTML 25Page - Linear Technology LTC4260IGN Datasheet HTML 26Page - Linear Technology LTC4260IGN Datasheet HTML 27Page - Linear Technology LTC4260IGN Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTC4260
28
4260f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0904 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1641-1/LT1641-2 Positive High Voltage Hot Swap Controllers
Active Current Limiting, Supplies from 9V to 80V
LTC1921
Dual –48V Supply and Fuse Monitor
Withstands ±200V, Monitors Under-/Overvoltage and External Fuses
LTC2436
16-Bit, 2-Channel Delta-Sigma ADC
800nVRMS Noise, Two Differential Channels with Automatic Channel
Selection
LTC4240
CompactPCI
TM Hot Swap Controller with I2C I/O
3.3V, 5V and ±12V Supplies, Control and Status over I2C
LT4250
–48V Hot Swap Controller in SO-8
Active Current Limiting, Supplies from –20V to –80V
LTC4252
–48V Hot Swap Controller in MSOP
Fast Active Current Limiting with Drain Accelerated Response, Supplies
from –15V
LT4256
Positive 48V Hot Swap Controller with
Foldback Current Limiting, Open-Circuit and Overcurrent Fault Output,
Open-Circuit Detect
Up to 80V Supply
LTC4300A
Hot Swappable 2-Wire Bus Buffer
Provides Capacitive Buffering, SDA and SCL Precharge and Level
Shifting
LTC4301
Supply Independent Hot Swappable 2-Wire Bus Buffer
Provides Capacitive Buffering, SDA and SCL Precharge and Level
Shifting
LTC4302
Addressable 2-Wire Bus Buffer
Provides Capacitive Buffering, SDA and SCL Precharge and Level
Shifting, Enabled by 2-Wire Bus Commands
LTC4350
Hot Swappable Load Share Controller
Output Voltage: 1.2V to 12V, Equal Load Sharing
LT4351
Ideal MOSFET ORing Diode
External N-Channel MOSFETs Replace ORing Diodes, 1.2V to 20V
LTC4354
Negative Voltage Diode-OR Controller
8-Pin DFN and SO Package
CompactPCI is a trademark of the PCI Industrial Computer Manufacturers Group
TYPICAL APPLICATIO
UV
2.67k
1.74k
49.9k
SMAT70B
VDD
SENSE
LTC4260
100k
FDB3632
0.01Ω
10Ω
6.8nF
43.5k
VOUT
48V
3.57k
100k
0.1µF
VIN
48V
GATE
INTVCC ADR0 ADR1
NC
ADR2 GND
FB
BD_PRST
TIMER
ADIN
GPIO
4260 TA03
SOURCE
OV
ON
SDAI
SDA0
SCL
ALERT
0.1µF
68nF
1µF
BACKPLANE PLUG-IN
CARD
LOAD
3A, 48V Backplane Resident Application with Insertion Activated Turn-On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com