Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4260IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4260IGN
Description  Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4260IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4260IGN Datasheet HTML 14Page - Linear Technology LTC4260IGN Datasheet HTML 15Page - Linear Technology LTC4260IGN Datasheet HTML 16Page - Linear Technology LTC4260IGN Datasheet HTML 17Page - Linear Technology LTC4260IGN Datasheet HTML 18Page - Linear Technology LTC4260IGN Datasheet HTML 19Page - Linear Technology LTC4260IGN Datasheet HTML 20Page - Linear Technology LTC4260IGN Datasheet HTML 21Page - Linear Technology LTC4260IGN Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC4260
18
4260f
R/W bit now set to one. The LTC4260 acknowledges and
sends the contents of the requested register. The trans-
mission is ended when the master sends a STOP condi-
tion. If the master acknowledges the transmitted data byte,
as in a Read Word command, the LTC4260 will repeat the
requested register as the second data byte.
Note that the Register Address pointer is not cleared at the
end of the transaction. Thus the Receive Byte protocol can
be used to repeatedly read a specific register.
Alert Response Protocol
The LTC4260 implements the SMBus Alert Response
Protocol as shown in Figure 11. If enabled to do so through
the ALERT register B, the LTC4260 will respond to faults
by pulling the ALERT pin low. Multiple LTC4260s can
share a common ALERT line and the protocol allows a
master to determine which LTC4260s are pulling the line
low. The master begins by sending a START bit followed
by the special Alert Response Address (0001 100)b with
the R/W bit set to one. Any LTC4260 that is pulling its
ALERT pin low will acknowledge and begin sending back
its individual slave address.
An arbitration scheme ensures that the LTC4260 with the
lowest address will have priority; all others will abort their
response. The successful responder will then release its
ALERT pin while any others will continue to hold their
ALERT pins low. Polling may also be used to search for any
LTC4260 that have detected faults. Any LTC4260 pulling
its ALERT pin low will also release it if it is individually
addressed during a read or write transaction.
The ALERT signal will not be pulled low again until the
FAULT register indicates a different fault has occurred or
the original fault is cleared and it occurs again. Note that
this means repeated or continuing faults will not generate
alerts until the associated FAULT register bit has been
cleared.
SCL
SDA
START
CONDITION
STOP
CONDITION
ADDRESS
R/W
ACK
DATA
ACK
DATA
ACK
1 - 7
8
9
4260 F06
a6 - a0
b7 - b0
b7 - b0
1 - 7
8
9
1 - 7
8
9
P
S
Figure 6. Data Transfer Over I2C or SMBus
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com