Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF545 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF545
Description  UHF push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF545 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF545 Datasheet HTML 3Page - NXP Semiconductors BLF545 Datasheet HTML 4Page - NXP Semiconductors BLF545 Datasheet HTML 5Page - NXP Semiconductors BLF545 Datasheet HTML 6Page - NXP Semiconductors BLF545 Datasheet HTML 7Page - NXP Semiconductors BLF545 Datasheet HTML 8Page - NXP Semiconductors BLF545 Datasheet HTML 9Page - NXP Semiconductors BLF545 Datasheet HTML 10Page - NXP Semiconductors BLF545 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
October 1992
7
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF545
Fig.11 Test circuit for class-B operation.
f = 500 MHz.
handbook, full pagewidth
MBK461
D.U.T.
BLF545
C9
R3
L13
L16
R4
R1
R2
R8
L12
R9
L17
R7
L2
L1
L3
C3
C4
C2
C1
C10
L4
L8
L6
L5
L7
L9
+VD
C6
C7
C5
C8
C14
C16
C12
C13
+VD
+VG
C18
C17
50
Ω
input
R5
R6
C11
,,,
,,,
,,,
L10
L14
L20
L18
L24
L26
L22
L25
L11
L15
L21
L19
L23
C19
C20
C21
C22
C15
50
Ω
output
,,,
,,,
C23
C24
,,,
,,,,,
,,,,,
,,,,,
,,,,,,
,,,,,,
,,,,,,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com