Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF545 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF545
Description  UHF push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF545 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF545 Datasheet HTML 1Page - NXP Semiconductors BLF545 Datasheet HTML 2Page - NXP Semiconductors BLF545 Datasheet HTML 3Page - NXP Semiconductors BLF545 Datasheet HTML 4Page - NXP Semiconductors BLF545 Datasheet HTML 5Page - NXP Semiconductors BLF545 Datasheet HTML 6Page - NXP Semiconductors BLF545 Datasheet HTML 7Page - NXP Semiconductors BLF545 Datasheet HTML 8Page - NXP Semiconductors BLF545 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
October 1992
3
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF545
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
Per transistor section unless otherwise specified.
THERMAL RESISTANCE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
65
V
±V
GS
gate-source voltage
−
20
V
ID
DC drain current
−
3.5
A
Ptot
total power dissipation
up to Tmb =25 °C; total device;
both sections equally loaded
−
92
W
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
200
°C
SYMBOL
PARAMETER
CONDITIONS
THERMAL
RESISTANCE
Rth j-mb
thermal resistance from junction to
mounting base
total device; both sections equally
loaded
1.9 K/W
Rth mb-h
thermal resistance from mounting
base to heatsink
total device; both sections equally
loaded
0.25 K/W
Fig.2 DC SOAR.
(1) Current in this area may be limited by RDS(on).
(2) Tmb =25 °C.
Total device; both sections equally loaded.
handbook, halfpage
1
10
110
MRA995
102
102
(1)
ID
(A)
VDS (V)
(2)
Fig.3 Power/temperature derating curves.
(1) Short-time operation during mismatch.
(2) Continuous operation.
Total device; both sections equally loaded.
handbook, halfpage
0
(1)
(2)
40
80
Ptot
(W)
160
120
40
0
80
120
MBK463
Th ( °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com