Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF545 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF545
Description  UHF push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF545 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF545 Datasheet HTML 1Page - NXP Semiconductors BLF545 Datasheet HTML 2Page - NXP Semiconductors BLF545 Datasheet HTML 3Page - NXP Semiconductors BLF545 Datasheet HTML 4Page - NXP Semiconductors BLF545 Datasheet HTML 5Page - NXP Semiconductors BLF545 Datasheet HTML 6Page - NXP Semiconductors BLF545 Datasheet HTML 7Page - NXP Semiconductors BLF545 Datasheet HTML 8Page - NXP Semiconductors BLF545 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
October 1992
2
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF545
FEATURES
• High power gain
• Easy power control
• Good thermal stability
• Gold metallization ensures
excellent reliability
• Designed for broadband operation.
DESCRIPTION
Silicon N-channel enhancement
mode vertical D-MOS push-pull
transistor designed for
communications transmitter
applications in the UHF frequency
range.
The transistor is encapsulated in a
4-lead, SOT268 balanced flange
envelope, with two ceramic caps. The
mounting flange provides the
common source connection for the
transistors.
PINNING - SOT268
PIN
DESCRIPTION
1
drain 1
2
gate 1
3
gate 2
4
drain 2
5
source
PIN CONFIGURATION
CAUTION
The device is supplied in an antistatic package. The gate-source input must
be protected against static charge during transport and handling.
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided
that the BeO discs are not damaged. All persons who handle, use or dispose
of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to
the regulations applying at the location of the user. It must never be thrown
out with the general or domestic waste.
Fig.1 Simplified outline and symbol.
handbook, halfpage
MAM395
1
2
4
3
5
Top view
d
g
s
d
g
QUICK REFERENCE DATA
RF performance at Th = 25 °C in a push-pull common source circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
GP
(dB)
ηD
(%)
CW, class-B
500
28
40
> 11
> 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com