Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF545 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF545
Description  UHF push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF545 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF545 Datasheet HTML 4Page - NXP Semiconductors BLF545 Datasheet HTML 5Page - NXP Semiconductors BLF545 Datasheet HTML 6Page - NXP Semiconductors BLF545 Datasheet HTML 7Page - NXP Semiconductors BLF545 Datasheet HTML 8Page - NXP Semiconductors BLF545 Datasheet HTML 9Page - NXP Semiconductors BLF545 Datasheet HTML 10Page - NXP Semiconductors BLF545 Datasheet HTML 11Page - NXP Semiconductors BLF545 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
October 1992
8
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF545
List of components (class-B test circuit)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C2
multilayer ceramic chip capacitor
(note 1)
5.1 pF
C3, C4
multilayer ceramic chip capacitor
(note 1)
16 pF
C5, C7, C20, C22
film dielectric trimmer
1.8 to 10 pF
2222 809 05002
C6
multilayer ceramic chip capacitor
(note 1)
22 pF
C8, C11, C12, C18
multilayer ceramic chip capacitor
100 nF
2222 852 47104
C9, C10, C14, C16
multilayer ceramic chip capacitor
(note 1)
390 pF
C13, C17
electrolytic capacitor
10
µF, 63 V
C15
multilayer ceramic chip capacitor
(note 1)
18 pF
C19
multilayer ceramic chip capacitor
(note 1)
13 pF
C21
multilayer ceramic chip capacitor
(note 1)
6.2 pF
C23, C24
multilayer ceramic chip capacitor
(note 1)
10 pF
L1, L3, L24, L26
stripline (note 2)
50
Ω
56
× 2.4 mm
L2, L25
semi-rigid cable (note 3)
50
Ω
ext. dia. 2.2 mm
ext. conductor
length 56 mm
L4, L5
stripline (note 2)
56
Ω
13.4
× 2 mm
L6, L7
stripline (notes 2 and 4)
56
Ω
9.6
× 2 mm
L8, L9
stripline (note 2)
42
Ω
9
× 3 mm
L10, L11
stripline (note 2)
42
Ω
6
× 3 mm
L12, L17
grade 3B Ferroxcube RF choke
4312 020 36642
L13, L16
4 turns enamelled 1.2 mm copper
wire
62 nH
length 7.6 mm
int. dia. 5 mm
leads 2
× 5 mm
L14, L15
stripline (note 2)
56
Ω
8
× 2 mm
L18, L19
stripline (note 2)
56
Ω
13
× 2 mm
L20, L21
stripline (note 2)
56
Ω
18
× 2 mm
L22, L23
stripline (note 2)
56
Ω
14
× 2 mm
R1
0.4 W metal film resistor
5.11
Ω
2322 151 75118
R2, R5
10 turns cermet potentiometer
50 k
Ω
R3, R4
0.4 W metal film resistor
10 k
Ω
2322 151 71003
R6, R7
0.4 W metal film resistor
205 k
Ω
2322 151 72054
R8, R9
1 W metal film resistor
10
Ω
2322 151 71009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com