Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF545 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF545
Description  UHF push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF545 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF545 Datasheet HTML 4Page - NXP Semiconductors BLF545 Datasheet HTML 5Page - NXP Semiconductors BLF545 Datasheet HTML 6Page - NXP Semiconductors BLF545 Datasheet HTML 7Page - NXP Semiconductors BLF545 Datasheet HTML 8Page - NXP Semiconductors BLF545 Datasheet HTML 9Page - NXP Semiconductors BLF545 Datasheet HTML 10Page - NXP Semiconductors BLF545 Datasheet HTML 11Page - NXP Semiconductors BLF545 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
October 1992
9
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF545
2. The striplines are on a double copper-clad printed circuit board, with glass microfibre reinforced PTFE (
εr = 2.2);
thickness 1
⁄32 inch.
3. Semi-rigid cables L2 and L25 are soldered on to striplines L1 and L26.
4. Striplines L6 and L7 are used in series with a 42
Ω stripline (11 × 3 mm).
Fig.12 Component layout for 500 MHz class-B test circuit.
The circuit and components are situated on one side of the printed circuit board, the other side being fully
metallized, to serve as a ground plane. Earth connections are made by means of copper straps and hollow
rivets for a direct contact between upper and lower sheets.
Dimensions in mm.
handbook, full pagewidth
MBK462
L3
C3
C1
C4
C5
L4
L5
L6
L7
C10
C12
C18
C11
C16
C15
R3
R5
R4
R7 R8
R9 R6
R13
R17
+VD
+VD
R3
C9
C8
C14
L12
L13
R4
L11
L10
L14
C19
C20
C21, C22
L21
L20
L23
L22
L26
C23
C24
L15
L18
L19
L16
L17
L9
L8
C6
C7
C2
R1
L1
+ L2
L24
+ L25
85
82
103
mounting screw
mounting screw
rivet
strap
straps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com