Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDEW0154M09 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 17Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 18Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 19Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 20Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 21Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 22Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 23Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 24Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
5. Command Table
W/R: 0: Write cycle 1: Read cycle
D/CX: 0: Command 1: Data D7~D:-: Don’t care
Address
Command
Bit
R/W D/CX
D7
D6
D5
D4
D3
D2
D1
D0
Code
R00H
Panel setting
(PSR)
W
0
0
0
0
0
0
0
0
00H
W
1
RES[1]
RES[0]
REG_EN
BWR
UD
SHL
SHD_N
RST_N
0Fh
W
1
-
-
-
VCMZ
TS_AUTO VGLTIEG
NORG
VC_LUTZ
09h
R01H
Power setting
(PWR)
W
0
0
0
0
0
0
0
0
1
01H
W
1
-
-
-
-
-
-
VDS_EN
VDG_EN
0Ah
W
1
-
VCOM_HV
-
VGHL_LV
[1]
VGHL_LV
[0]
VGHL_LV
[1]
VGHL_LV
[0]
39h
W
1
VSH [5]
VSH [4]
VSH [3]
VSH [2]
VSH [1]
VSH [0]
39h
W
1
VSL [5]
VSL [4]
VSL [3]
VSL [2]
VSL [1]
VSL [0]
26h
W
1
OPTEN
VSHR [6] VSHR [5] VSHR [4] VSHR [3] VSHR [2] VSHR [1] VSHR [0]
06h
R02H Power OFF(POF) W
0
0
0
0
0
0
0
1
0
02H
R03H
Power off
Sequence
Setting(PFS)
W
0
0
0
0
0
0
0
1
1
03H
W
1
-
-
T_VDS_OF
F[1]
T_VDS_OF
F[0]
T_VSHR_O
FF [1]
T_VSHR_O
FF[0]
-
-
00h
R04H Power ON (PON) W
0
0
0
0
0
0
1
0
0
04H
R05H
Power ON
Measure (PMES) W
0
0
0
0
0
0
1
0
1
05H
R06H
Booster Soft
Start (BTST)
W
0
0
0
0
0
0
1
1
0
06H
W
1
BT_PHA[7] BT_PHA[6] BT_PHA[5] BT_PHA[4] BT_PHA[3] BT_PHA[2] BT_PHA[1] BT_PHA[0]
17h
W
1
BT_PHB[7] BT_PHB[6] BT_PHB[5] BT_PHB[4] BT_PHB[3] BT_PHB[2] BT_PHB[1] BT_PHB[0]
17h
W
1
-
-
BT_PHC[5] BT_PHC[4] BT_PHC[3] BT_PHC[2]BT_PHC[1] BT_PHC[0]
17h
W
1
1
0
1
0
0
1
0
1
A5h
W
1
FT_PHC[3] FT_PHC[2] FT_PHC[1] FT_PHC[0] FT_PHB[3] FT_PHB[2] FT_PHB[1] FT_PHB[0]
00h
R07H
Deep
Sleep(DSLP)
W
0
0
0
0
0
0
1
1
1
07H
W
1
1
0
1
0
0
1
0
1
A5h
R10H
Data Start
transmission1
(DTM1)
W
0
0
0
0
1
0
0
0
0
10H
W
1
#
#
#
#
#
#
#
#
00H
R11H Data Stop (DSP)
W
0
0
0
0
1
0
0
0
1
11H
R
1
Data_flag
-
-
-
-
-
-
-
--
R12H Display Refresh
(DRF)
W
0
0
0
0
1
0
0
1
0
12H
R13H
Data Start
transmission
2(DTM2)
W
0
0
0
0
1
0
0
1
1
13H
W
1
#
#
#
#
#
#
#
#
00h
R17H
Auto sequence
(AUTO)
W
0
0
0
0
1
0
1
1
1
17H
W
1
Code[7]
Code[6]
Code[5]
Code[4]
Code[3]
Code[2]
Code[1]
Code[0]
A5h
R18H
BIST
W
1
0
0
0
1
1
0
0
0
18H
W
1
0
0
0
0
0
0
0
0
00h
W
1
0
0
0
0
0
0
0
0
00h
R19H
BIST_PS
W
1
0
0
0
1
1
0
0
1
19H
GDEW0154M09
www.e-paper-display.com
21/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com