Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDEW0154M09 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 9Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 10Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 11Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 12Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 13Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 14Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 15Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 16Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
7
Temperature
Cycle
[-25℃ 30mins]→
[+70℃,
RH=35%
30mins],70cycles
Test in white
pattern
1.
Samples are put in the Temp &
Humid. Environmental Chamber.
Temperature cycle starts with -25℃,
storage period 30 minutes. After 30
minutes, it needs 30min to let
temperature rise to 70℃. After
30min, temperature will be adjusted
to 70℃, RH=35%, and storage period
is 30 minutes. After 30 minutes, it
needs 30min to let temperature rise
to -25℃. One temperature cycle
(2hrs) is complete.
2.
Temperature cycle repeats 70 times.
3.
When 70 cycles finished, the samples
will be taken out from experiment
chamber and set aside a few
minutes. As EPDs return to room
temperature, tests will observe the
appearance, and test electrical and
optical performance based on
standard # IEC 60 068-2-14NB.
When experiment
finished, the EPD
must meet
electrical and
optical
performance
standards.
8
UV exposure
Resistance
765 W/m2 for
168 hrs,40℃
Standard # IEC 60 068-2-5 Sa
9
Electrostatic
discharge
Machine model:
+/-250V,
0Ω,200pF
Standard # IEC61000-4-2
10
Package
Vibration
1.04G,Frequency
: 10~500Hz
Direction : X,Y,Z
Duration:1hours
in each direction
Full packed for shipment
11
Package Drop
Impact
Drop from height
of 122 cm on
Concrete surface
Drop sequence:1
corner, 3edges,
6face
One drop for
each.
Full packed for shipment
Actual EMC level to be measured on customer application.
Note:
(1) The protective film must be removed before temperature test.
(2) In order to make sure the display module can provide the best display quality,
the update should be made after putting the display module in stable temperature
environment for 4 hours at 25℃.
GDEW0154M09
www.e-paper-display.com
13/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com