Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDEW0154M09 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 35Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 36Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 37Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 38Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 39Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 40Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 41Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 42Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
TS[1:0]
T (°C)
00
+0
01
+0.25
10
+0.5
11
+0.75
(27) Temperature Sensor Enable (TSE) (R41H)
Action
W/R
C/D
D7
D6
D5
D4
D3
D2
D1
D0
Enable Temperature
Sensor/Offset
0
0
0
1
0
0
0
0
0
1
0
1
TSE
-
TO[5:0]
This command indicates the driver IC temperature sensor enable and calibration
function.
Reserve one temperature offset TO[3:0] for calibration
1. TO[3]: mean ‘+’ or ‘-‘ , while 0 is ‘+’ ; 1 is ‘-‘ 2. TO[2:0]: mean temperature offset
value
TO[3:0]: Temperature offset.
TO[3:0]
Calculation TO[3:0] Calculation
0000 b
0℃(default)
1000
-8℃
0001
1℃
1001
-7℃
0010
2℃
1010
-6℃
…
…
…
…
0110
6℃
1110
-2℃
0111
7℃
1111
-1℃
TO[5:4]: Temperature offset.
TO[5:4] Calculation TO[5:4]Calculation
00 b 0.0℃(default)
10
0.5℃
01
0.25℃
11
075℃
Internal temperature sensor enable
0: Internal temperature sensor enable.(default)
1: Internal temperature sensor disable, using external temperature sensor.
(28) Temperature Sensor Write (TSW)
(R42H)
Action
W/R C/D D7
D6
D5
D4
D3
D2
D1
D0
Write External
Temperature Sensor
0
0
0
1
0
0
0
0
1
0
0
1
WATTR[7:0]
0
1
WMSB[7:0]
0
1
WLSB[7:0]
GDEW0154M09
www.e-paper-display.com
39/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com