Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDEW0154M09 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 4Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 5Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 6Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 7Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 8Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 9Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 10Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 11Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Note 5-1: This pin (CS#) is the chip select input connecting to the MCU. The chip is
enabled for MCU communication only when CS# is pulled Low.
Note 5-2: This pin (D/C#) is Data/Command control pin connecting to the MCU.
When the pin is pulled HIGH, the data will be interpreted as data. When the pin is
pulled Low, the data will be interpreted as command.
Note 5-3: This pin (RES#) is reset signal input. The Reset is active Low.
Note 5-4: This pin (BUSY) is Busy state output pin. When Busy is low, the operation of
chip should not be interrupted and any commands should not be issued to the module.
The driver IC will put Busy pin low when the driver IC is working such as:
-
Outputting display waveform; or
-
Programming with OTP
-
Communicating with digital temperature sensor
Note 5-5: This pin (BS1) is for 3-line SPI or 4-line SPI selection. When it is “Low”, 4-
line SPI is selected. When it is “High”, 3-line SPI (9 bits SPI) is selected. Please refer to
below Table.
Table: Bus interface selection
BS1
MPU Interface
L
4-lines serial peripheral interface (SPI)
H
3-lines serial peripheral interface (SPI) – 9 bits SPI
GDEW0154M09
www.e-paper-display.com
8/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com