Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDEW0154M09 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 32Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 33Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 34Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 35Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 36Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 37Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 38Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 39Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
B/W mode (BWR=1)
Value
Group
00
6
01
5
10
4
11
3
(23) LUT Option (LUTOPT) (R2AH)
Action
W/R C/D
D7
D6
D5
D4
D3
D2
D1
D0
LUT Option
0
0
0
0
1
0
1
0
1
0
0
1
EOPT
-
-
-
-
-
-
-
0
1
STATE_XON[7:0]
0
1
STATE_XON[15:8]
This command sets XON and ending options of source output
STATE_XON[5:0]:
All Gate ON (Each bit controls one state, STATE_XON [0] for state-1, STATE_XON [1]
for state-2 …..)
0000 0000 0000 0000b: no All-Gate-ON
0000 0000 0000 0000b: State-1 All-Gate-ON
0000 0000 0000 0000b: State-1 and State2 All-Gate-ON
:
:
EOPT: Option for LUT ending
0: Normal.(Default)
1: Source output level keep previous output before power off
(24) PLL Control (PLL)
(R30H)
Action
W/R C/D D7 D6
D5
D4
D3
D2
D1
D0
Controlling PLL
0
0
0
0
1
1
0
0
0
0
0
1
-
-
M[2:0]
N[2:0]
GDEW0154M09
www.e-paper-display.com
36/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com