Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5996 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP5996
Description  Dual Linear Regulator with 300mA and 150mA Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5996 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP5996 Datasheet HTML 1Page - National Semiconductor (TI) LP5996 Datasheet HTML 2Page - National Semiconductor (TI) LP5996 Datasheet HTML 3Page - National Semiconductor (TI) LP5996 Datasheet HTML 4Page - National Semiconductor (TI) LP5996 Datasheet HTML 5Page - National Semiconductor (TI) LP5996 Datasheet HTML 6Page - National Semiconductor (TI) LP5996 Datasheet HTML 7Page - National Semiconductor (TI) LP5996 Datasheet HTML 8Page - National Semiconductor (TI) LP5996 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Functional Block Diagram
20171506
Pin Descriptions
LLP-10 Package
Pin No
Symbol
Name and Function
1V
IN
Voltage Supply Input. Connect a 1µF capacitor between this
pin and GND.
2
EN1
Enable Input to Regulator 1. Active high input.
High = On. Low = OFF.
3
EN2
Enable Input to Regulator 2. Active high input.
High = On. Low = OFF.
4C
BYP
Internal Voltage Reference Bypass. Connect a 10nF capacitor
from this pin to GND to reduce noise and improve line
transient and PSRR.
This pin may be left open.
5
N/C
No Connection. Do not connect to any other pin.
6
GND
Common Ground pin. Connect externally to exposed pad.
7
N/C
No Connection. Do not connect to any other pin.
8
N/C
No Connection. Do not connect to any other pin.
9V
OUT2
Output of Regulator 2. 300mA maximum current output.
Connect a 1µF capacitor between this pin to GND.
10
V
OUT1
Output of Regulator 1. 150mA maximum current output.
Connect a 1µF capacitor between this pin to GND.
Pad
GND
Common Ground. Connect to Pin 6.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com