Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5996 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP5996
Description  Dual Linear Regulator with 300mA and 150mA Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5996 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP5996 Datasheet HTML 6Page - National Semiconductor (TI) LP5996 Datasheet HTML 7Page - National Semiconductor (TI) LP5996 Datasheet HTML 8Page - National Semiconductor (TI) LP5996 Datasheet HTML 9Page - National Semiconductor (TI) LP5996 Datasheet HTML 10Page - National Semiconductor (TI) LP5996 Datasheet HTML 11Page - National Semiconductor (TI) LP5996 Datasheet HTML 12Page - National Semiconductor (TI) LP5996 Datasheet HTML 13Page - National Semiconductor (TI) LP5996 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Application Hints (Continued)
capacitor with an ESR value within the stable range, it would
have to be larger in capacitance (which means bigger and
more costly) than a ceramic capacitor with the same ESR
value. It should also be noted that the ESR of a typical
tantalum will increase about 2:1 as the temperature goes
from 25˚C down to -40˚C, so some guard band must be
allowed.
ENABLE CONTROL
The LP5996 features active high enable pins for each regu-
lator, EN1 and EN2, which turns the corresponding LDO off
when pulled low. The device outputs are enabled when the
enable pins are set to high. When not enabled the regulator
output is off and the device typically consumes 2nA.
If the application does not require the Enable switching
feature, one or both enable pins should be tied to V
IN to keep
the regulator output permanently on.
To ensure proper operation, the signal source used to drive
the enable inputs must be able to swing above and below the
specified turn-on/off voltage thresholds listed in the Electrical
Characteristics section under V
IL and VIH.
BYPASS CAPACITOR
The internal voltage reference circuit of the LP5996 is con-
nected to the C
BYP pin via a high value internal resistor. An
external capacitor, connected to this pin, forms a low-pass
filter which reduces the noise level on both outputs of the
device. There is also some improvement in PSSR and line
transient performance. Internal circuitry ensures rapid charg-
ing of the C
BYP capacitor during start-up. A 10nF, high quality
ceramic capacitor with either NPO or COG dielectric is rec-
ommended due to their low leakage characteristics and low
noise performance.
SAFE AREA OF OPERATION
Due consideration should be given to operating conditions to
avoid excessive thermal dissipation of the LP5996 or trigger-
ing its thermal shutdown circuit. When both outputs are
enabled,
the
total
power
dissipation
will
be P
D(LDO1) +PD(LDO2) where PD = (VIN -VOUT)xIOUT for
each LDO
In general, device options which have a large difference in
output voltage will dissipate more power with both outputs
enabled, due to the input voltage required for the higher
output voltage LDO. In such cases, especially at elevated
ambient temperature, it may not be possible to operate both
outputs at maximum current at the same time.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com