Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5996 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP5996
Description  Dual Linear Regulator with 300mA and 150mA Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5996 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP5996 Datasheet HTML 6Page - National Semiconductor (TI) LP5996 Datasheet HTML 7Page - National Semiconductor (TI) LP5996 Datasheet HTML 8Page - National Semiconductor (TI) LP5996 Datasheet HTML 9Page - National Semiconductor (TI) LP5996 Datasheet HTML 10Page - National Semiconductor (TI) LP5996 Datasheet HTML 11Page - National Semiconductor (TI) LP5996 Datasheet HTML 12Page - National Semiconductor (TI) LP5996 Datasheet HTML 13Page - National Semiconductor (TI) LP5996 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Hints
OPERATION DESCRIPTION
The LP5996 is a low quiescent current, power management
IC, designed specifically for portable applications requiring
minimum board space and smallest components. The
LP5996 contains two independently selectable LDOs. The
first is capable of sourcing 150mA at outputs between 0.8V
and 3.3V. The second can source 300mA at an output volt-
age of 0.8V to 3.3V.
INPUT CAPACITOR
An input capacitor is required for stability. It is recommended
that a 1.0µF capacitor be connected between the LP5996
input pin and ground (this capacitance value may be in-
creased without limit).
This capacitor must be located a distance of not more than
1cm from the input pin and returned to a clean analogue
ground. Any good quality ceramic, tantalum, or film capacitor
may be used at the input.
Important: Tantalum capacitors can suffer catastrophic fail-
ures due to surge current when connected to a low-
impedance source of power (like a battery or a very large
capacitor). If a tantalum capacitor is used at the input, it must
be guaranteed by the manufacturer to have a surge current
rating sufficient for the application.
There are no requirements for the ESR (Equivalent Series
Resistance) on the input capacitor, but tolerance and tem-
perature coefficient must be considered when selecting the
capacitor to ensure the capacitance will remain approxi-
mately 1.0µF over the entire operating temperature range.
OUTPUT CAPACITOR
The LP5996 is designed specifically to work with very small
ceramic output capacitors. A 1.0µF ceramic capacitor (tem-
perature types Z5U, Y5V or X7R) with ESR between 5m
Ω to
500m
Ω, is suitable in the LP5996 application circuit.
For this device the output capacitor should be connected
between the V
OUT pin and ground.
It is also possible to use tantalum or film capacitors at the
device output, C
OUT (or VOUT), but these are not as attrac-
tive for reasons of size and cost (see the section Capacitor
Characteristics).
The output capacitor must meet the requirement for the
minimum value of capacitance and also have an ESR value
that is within the range 5m
Ω to 500mΩ for stability.
NO-LOAD STABILITY
The LP5996 will remain stable and in regulation with no
external load. This is an important consideration in some
circuits, for example CMOS RAM keep-alive applications.
CAPACITOR CHARACTERISTICS
The LP5996 is designed to work with ceramic capacitors on
the output to take advantage of the benefits they offer. For
capacitance values in the range of 0.47µF to 4.7µF, ceramic
capacitors are the smallest, least expensive and have the
lowest ESR values, thus making them best for eliminating
high frequency noise. The ESR of a typical 1.0µF ceramic
capacitor is in the range of 20m
Ω to 40mΩ, which easily
meets the ESR requirement for stability for the LP5996.
For both input and output capacitors, careful interpretation of
the capacitor specification is required to ensure correct de-
vice operation. The capacitor value can change greatly, de-
pending on the operating conditions and capacitor type.
In particular, the output capacitor selection should take ac-
count of all the capacitor parameters, to ensure that the
specification is met within the application. The capacitance
can vary with DC bias conditions as well as temperature and
frequency of operation. Capacitor values will also show
some decrease over time due to aging. The capacitor pa-
rameters are also dependant on the particular case size,
with smaller sizes giving poorer performance figures in gen-
eral. As an example, Figure 1 shows a typical graph com-
paring different capacitor case sizes in a Capacitance vs. DC
Bias plot. As shown in the graph, increasing the DC Bias
condition can result in the capacitance value falling below
the minimum value given in the recommended capacitor
specifications table (0.7µF in this case). Note that the graph
shows the capacitance out of spec for the 0402 case size
capacitor at higher bias voltages. It is therefore recom-
mended that the capacitor manufacturers’ specifications for
the nominal value capacitor are consulted for all conditions,
as some capacitor sizes (e.g. 0402) may not be suitable in
the actual application.
The capacitance value of ceramic capacitors varies with
temperature. The capacitor type X7R, which operates over a
temperature range of -55˚C to +125˚C, will only vary the
capacitance to within ±15%. The capacitor type X5R has a
similar tolerance over a reduced temperature range of -55˚C
to +85˚C. Many large value ceramic capacitors, larger than
1µF are manufactured with Z5U or Y5V temperature charac-
teristics. Their capacitance can drop by more than 50% as
the temperature varies from 25˚C to 85˚C. Therefore X7R is
recommended over Z5U and Y5V in applications where the
ambient temperature will change significantly above or be-
low 25˚C.
Tantalum capacitors are less desirable than ceramic for use
as output capacitors because they are more expensive when
comparing equivalent capacitance and voltage ratings in the
0.47µF to 4.7µF range.
Another important consideration is that tantalum capacitors
have higher ESR values than equivalent size ceramics. This
means that while it may be possible to find a tantalum
20171540
FIGURE 1. Graph Showing a Typical Variation in
Capacitance vs DC Bias
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com