Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5996 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP5996
Description  Dual Linear Regulator with 300mA and 150mA Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5996 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP5996 Datasheet HTML 1Page - National Semiconductor (TI) LP5996 Datasheet HTML 2Page - National Semiconductor (TI) LP5996 Datasheet HTML 3Page - National Semiconductor (TI) LP5996 Datasheet HTML 4Page - National Semiconductor (TI) LP5996 Datasheet HTML 5Page - National Semiconductor (TI) LP5996 Datasheet HTML 6Page - National Semiconductor (TI) LP5996 Datasheet HTML 7Page - National Semiconductor (TI) LP5996 Datasheet HTML 8Page - National Semiconductor (TI) LP5996 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
-0.3V to 6.5V
V
OUT1,VOUT2, EN1, and EN2
Voltage to GND
-0.3V to (V
IN + 0.3V) with
6.5V (max)
Junction Temperature (T
J-MAX)
150˚C
Lead/Pad Temp. (Note 3)
235˚C
Storage Temperature
-65˚C to 150˚C
Continuous Power Dissipation
Internally Limited(Note 4)
ESD Rating(Note 5)
Human Body Model
2.0kV
Machine Model
200V
Operating Ratings(Notes 1, 2)
Input Voltage
2.0V to 6.0V
EN1, EN2 Voltage
0 to (V
IN + 0.3V) to
6.0V (max)
Junction Temperature
-40˚C to 125˚C
Ambient Temperature T
ARange
(Note 6)
-40˚C to 85˚C
Thermal Properties(Note 1)
Junction To Ambient Thermal
Resistance(Note 7)
θ
JALLP-10 Package
55˚C/W
Electrical Characteristics(Notes 2, 8)
Unless otherwise noted, V
EN = 950mV, VIN =VOUT + 1.0V, or 2.0V, whichever is higher, where VOUT is the higher of VOUT1
and V
OUT2.CIN = 1 µF, IOUT = 1 mA, COUT1 =COUT2 = 1.0µF. Typical values and limits appearing in normal type apply for TA
= 25˚C. Limits appearing in boldface type apply over the full junction temperature range for operation, −40 to +125˚C.
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
V
IN
Input Voltage
(Note 9)
2
6
V
∆V
OUT
Output Voltage Tolerance
I
OUT = 1mA
1.5V < V
OUT
≤ 3.3V
-2.5
-3.75
+2.5
+3.75
%
V
OUT
≤ 1.5V
-2.75
-4
+2.75
+4
Line Regulation Error
V
IN =(VOUT(NOM) + 1.0V) to 6.0V
0.03
0.3
%/V
Load Regulation Error
I
OUT = 1mA to 150mA
(LDO 1)
85
155
µV/mA
I
OUT = 1mA to 300mA
(LDO 2)
26
85
V
DO
Dropout Voltage
(Note 10)
I
OUT = 1mA to 150mA
(LDO 1)
110
220
mV
I
OUT = 1mA to 300mA
(LDO 2)
210
550
I
Q
Quiescent Current
LDO 1 ON, LDO 2 ON
I
OUT1=IOUT2 = 0mA
35
100
µA
LDO 1 ON, LDO 2 OFF
I
OUT1 = 150mA
45
110
LDO 1 OFF, LDO 2 ON
I
OUT2 = 300mA
45
110
LDO 1 ON, LDO 2 ON
I
OUT1 = 150mA, IOUT2 = 300m
70
170
V
EN1 =VEN2 = 0.4V
0.5
10
nA
I
SC
Short Circuit Current Limit
LDO 1
420
750
mA
LDO 2
550
840
I
OUT
Maximum Output Current
LDO 1
150
mA
LDO 2
300
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com