Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5996 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP5996
Description  Dual Linear Regulator with 300mA and 150mA Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5996 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP5996 Datasheet HTML 1Page - National Semiconductor (TI) LP5996 Datasheet HTML 2Page - National Semiconductor (TI) LP5996 Datasheet HTML 3Page - National Semiconductor (TI) LP5996 Datasheet HTML 4Page - National Semiconductor (TI) LP5996 Datasheet HTML 5Page - National Semiconductor (TI) LP5996 Datasheet HTML 6Page - National Semiconductor (TI) LP5996 Datasheet HTML 7Page - National Semiconductor (TI) LP5996 Datasheet HTML 8Page - National Semiconductor (TI) LP5996 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP5996
Dual Linear Regulator with 300mA and 150mA Outputs
General Description
The LP5996 is a dual low dropout regulator. The first regu-
lator can source 150mA, while the second is capable of
sourcing 300mA.
The LP5996 provides 1.5% accuracy requiring an ultra low
quiescent current of 35µA. Separate enable pins allow each
output of the LP5996 to be shut down, drawing virtually zero
current.
The LP5996 is designed to be stable with small footprint
ceramic capacitors down to 1µF.
The LP5996 is available in fixed output voltages and comes
in a 10 pin, 3mm x 3mm, LLP package. .
Features
n
2 LDO Outputs with Independent Enable
n
1.5% Accuracy at Room Temperature, 3% over
Temperature
n
Thermal Shutdown Protection
n
Stable with Ceramic Capacitors
Key Specifications
n
Input Voltage Range
2.0V to 6.0V
n
Low Dropout Voltage
210mV at 300mA
n
Ultra-Low I
Q (enabled)
35µA
n
Virtually Zero I
Q (disabled)
<10nA
Package
All available in Lead Free option.
10 pin LLP 3mm x 3mm
For other package options contact your NSC sales office.
Applications
n
Cellular Handsets
n
PDA’s
n
Wireless Network Adaptors
Typical Application Circuit
20171501
November 2006
© 2006 National Semiconductor Corporation
DS201715
www.national.com


Similar Part No. - LP5996

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
Dual Linear Regulator with 300mA and 150mA Outputs
LP5996 TI-LP5996 Datasheet
1Mb / 18P
Dual Linear Regulator with 300mA and 150mA Outputs
LP5996 TI2-LP5996 Datasheet
1Mb / 18P
LP5996 Dual Linear Regulator with 300mA and 150mA Outputs
REVISED MAY 2013
LP5996SD-1018/NOPB TI-LP5996SD-1018/NOPB Datasheet
1Mb / 18P
Dual Linear Regulator with 300mA and 150mA Outputs
LP5996SD-1018/NOPB TI2-LP5996SD-1018/NOPB Datasheet
1Mb / 18P
LP5996 Dual Linear Regulator with 300mA and 150mA Outputs
REVISED MAY 2013
More results

Similar Description - LP5996

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
5V, 300mA Linear Regulator with and ENABLE RESET
Rev. 2/3/98
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
logo
National Semiconductor ...
LP3996 NSC-LP3996 Datasheet
1,006Kb / 16P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
300mA/150mA Dual CMOS LDO Linear Regulator
3242.2006.04.1.10
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
300mA/150mA Dual CMOS LDO Linear Regulator
logo
Silicon Standard Corp.
SS6721G SSC-SS6721G Datasheet
448Kb / 7P
150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
logo
Texas Instruments
LP3996 TI1-LP3996_14 Datasheet
1Mb / 26P
Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
Dual Linear Regulator with 300mA and 150mA Outputs
LP5996 TI-LP5996_15 Datasheet
1Mb / 18P
Dual Linear Regulator with 300mA and 150mA Outputs
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
Rev 13.2.2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com