Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFLK-DS Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # FSFLK-DS
Description  Freescale Sensor Fusion Library for Kinetis
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FSFLK-DS Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button FSFLK-DS Datasheet HTML 19Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 20Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 21Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 22Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 23Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 24Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 25Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 26Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Freescale Sensor Fusion Library for Kinetis MCUs
Freescale Semiconductor, Inc.
NOTE: Results that follow are simulated
nonlinearity and other factors. See Simulation Environments
to be improved from the 4.17 plots shown here.
4.8.2
Gyro Offset Step Response
Gyro Offset Step Response plots are shown in
Accelerometer+Gyro algorithms, respectively and provide an indication of the responsiveness of the
system to changes in gyro offsets. The simulation artificially introduces a step in the modeled gyro
offset. However, under normal circumstances, gy
change such as this would likely occur are:
• at powerup
• if the gyro has an autonomous offset cancellation circuit (which Freescale recommends be turned
OFF).
Figure 14. Gyro
Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Results that follow are simulated build 4.17 using basic sensor models which include noise effects, but ignore
Simulation Environments for details. Build 5.00 dynamic performance is expected
to be improved from the 4.17 plots shown here.
Gyro Offset Step Response
Gyro Offset Step Response plots are shown in Figure 14 and Figure 15 for 9-axis and
Accelerometer+Gyro algorithms, respectively and provide an indication of the responsiveness of the
system to changes in gyro offsets. The simulation artificially introduces a step in the modeled gyro
offset. However, under normal circumstances, gyro offsets change very slowly. The only times that a
change such as this would likely occur are:
if the gyro has an autonomous offset cancellation circuit (which Freescale recommends be turned
Gyro Offset Step Response for 9-Axis algorithm
odels which include noise effects, but ignore
uild 5.00 dynamic performance is expected
axis and 6- axis
Accelerometer+Gyro algorithms, respectively and provide an indication of the responsiveness of the
system to changes in gyro offsets. The simulation artificially introduces a step in the modeled gyro
ro offsets change very slowly. The only times that a
if the gyro has an autonomous offset cancellation circuit (which Freescale recommends be turned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com