Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFLK-DS Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # FSFLK-DS
Description  Freescale Sensor Fusion Library for Kinetis
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FSFLK-DS Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button FSFLK-DS Datasheet HTML 29Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 30Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 31Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 32Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 33Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 34Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 35Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 36Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 37Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
4. Note computed/actual for final value
5. Note response time
5.13 Gyro Offset Step Response
5.13.1
Intent
Measure how well the fusion library tracks varying gyro offset.
5.13.2
Procedure
Setup as defined in Matlab Stimulus/Expected Response + Hardware-based Fusion. Matlab is used to
post-process data.
1. Starting point = DUT is stationary and fusion outputs are stable.
2. Add offset of 10 dps to gyro X read data.
3. Run test until computed gyro offset stabilizes.
4. Plot the gyro read data step function and the response fusion algorithm estimated offset. Record
response time as time between 50% step change in gyro X read data and 50% change in fusion
algorithm estimated gyro X offset.
5.14 Error in Computed Linear Acceleration
5.14.1
Intent
Measure how well the fusion library tracks linear acceleration.
5.14.2
Procedure
Setup as defined in Matlab Stimulus/Expected Response + Hardware-based Fusion. Matlab is used to
post-process data.
1. Starting point = DUT is stationary and fusion outputs are stable.
2. Subject DUT to acceleration A*sin(2*pi*f*t), where: A = 2 g, f = 1 Hz, t = zero to one second
(1 period), pi = 3.141592654
3. Plot the ideal DUT acceleration and fusion algorithm computed acceleration. Determine the
maximum error between the two accelerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com