Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFLK-DS Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # FSFLK-DS
Description  Freescale Sensor Fusion Library for Kinetis
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FSFLK-DS Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button FSFLK-DS Datasheet HTML 20Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 21Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 22Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 23Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 24Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 25Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 26Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 27Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Mechanical and Electrical Specifications
24
Figure 15. Gyro Offset Step Response for 6
4.8.3
Error in Computed Linear Acceleration
Estimation of linear acceleration in the 9
lasting less than 1 second. Continuous accelerations are inconsistent with modeled dynamics, and the
acceleration estimation error increases. The acceleration error starts leaking into the estimates of
orientation resulting in errors in gyro offset and magnetic disturbance estimates.
and Figure 18 present the true and 9
lasting 0.5 s, 1 s and 5 s respectively.
Figure 16. True and calculated linear acceleration, acceleration time 0.5 s
Mechanical and Electrical Specifications
Freescale
Sensor Fusion Library for Kinetis
Freescale
Gyro Offset Step Response for 6-Axis Accelerometer+Gyro algorithm
Error in Computed Linear Acceleration
Estimation of linear acceleration in the 9-axis algorithm is optimized for short duration accelerations
lasting less than 1 second. Continuous accelerations are inconsistent with modeled dynamics, and the
acceleration estimation error increases. The acceleration error starts leaking into the estimates of
in errors in gyro offset and magnetic disturbance estimates. Figure 16
present the true and 9-axis algorithm calculated linear acceleration for
respectively.
True and calculated linear acceleration, acceleration time 0.5 s
Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
Axis Accelerometer+Gyro algorithm
or short duration accelerations
lasting less than 1 second. Continuous accelerations are inconsistent with modeled dynamics, and the
acceleration estimation error increases. The acceleration error starts leaking into the estimates of
Figure 16, Figure 17
axis algorithm calculated linear acceleration for accelerations
True and calculated linear acceleration, acceleration time 0.5 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com