Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFLK-DS Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # FSFLK-DS
Description  Freescale Sensor Fusion Library for Kinetis
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FSFLK-DS Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button FSFLK-DS Datasheet HTML 22Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 23Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 24Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 25Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 26Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 27Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 28Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 29Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Mechanical and Electrical Specifications
26
Freescale
Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
Table 14. Sensor/Configuration Imposed Limitations
Characteristic
Symbol
Min
Max
Unit
Maximum Angular Rate
ARmax
–2000
+2000
dps
Linear Acceleration
LAmax
–4
+4
g
Magnetic Field
Bmax
–1200
+1200
µ
T
It is believed that the fusion algorithms themselves have no upper limits on any of the parameters
above. These are strictly limits associated with the specific physical sensors used to characterize the
library.
4.8.5
9-Axis Parametrics
Table 15 provides guidance for the 9-axis (accelerometer/magnetometer/gyro) indirect Kalman filter
implementation.
NOTE: All parametrics provided in the following table are based on build 4.17 simulations. Build 5.00 simulations
are still pending.
Table 15. 9-axis Sensor Fusion Performance Metrics
Characteristic
Symbol
Conditions(s)
Min
Typ
Max
Unit
Orientation static drift
OSD
See Orientation Static Drift
—
0.05
—
degrees
Orientation static noise
OSN
See Orientation Static Noise
—
1.21
—
degrees
RMS
Orientation dynamic drift
ODD
See Orientation Dynamic Drift
—
0.17
—
degrees
Max angular Rate
ARMAX
See Maximum Angular Rate
—
1600
Error!
Reference
source not
found.
—
dps
Orientation response delay
ORD
See Orientation Response
Delay
—
<1
—
2fusion
time
interval
Gyro offset step response
TGOSR
See Gyro Offset Step
Response
—
3.76
—
seconds
Error in computed linear
acceleration
LAE
See Error in Computed Linear
Acceleration
—
0.243
—
g
Compass heading
linearity
3
CHl
See Compass Heading
Linearity and Accuracy
—
1.02
—
degrees
Compass heading
accuracy
CHacc
—
1.37
—
degrees
Orientation magnetic
immunity - static device
Omis
See Orientation Magnetic
Immunity (Static Device)
—
9.36
—
degrees
Orientation magnetic
immunity - moving device
Omim
See Orientation Magnetic
Immunity (Moving Device)
—
8.98
—
degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com