Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSFLK-DS Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # FSFLK-DS
Description  Freescale Sensor Fusion Library for Kinetis
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FSFLK-DS Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button FSFLK-DS Datasheet HTML 24Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 25Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 26Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 27Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 28Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 29Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 30Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 31Page - Freescale Semiconductor, Inc FSFLK-DS Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Test Descriptions
28
Freescale
Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
1.
Output sampling period = 40 ms
2.
Number of output sampling periods where one period = 40 ms
4.8.8
3-axis Accelerometer Only Parametrics
NOTE: All parametrics provided in the following table are based on build 4.17 simulations. Build 5.00 should be
similar.
Table 18. 3-axis Accelerometer Performance Metrics
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Tilt Error RMS
TAE
Note 1
—
0.082
—
degrees
Orientation response delay
ORD
See Orientation Response
Delay
2
—
< 5
—
output
sample
period
1.
RMS of accelerometer tilt angle error is calculated using the simulated sensor noise RMS values along each of the
three axes and the following formula (given for tilt error from the z-axis)
TAE=arctan
,
where NRMSx, NRMSy, NRMSz - RMS values of accelerometer noise for X, Y, Z axes in g units.
2.
Number of output sampling periods where one period = 40 ms
5 Test Descriptions
Each of the following sub-sections defines the specification intent and the sample procedure for the
specifications listed in Mechanical and Electrical Specifications. Procedures may evolve in future drafts
of this document in order to better service the specification intents.
5.1 MCU Current
5.1.1
Intent
This is the average current consumption of the MCU executing the core Fusion routines. This is
obviously specific to the particular MCUs listed. This metric must be associated with a specific
hardware configuration similar to those defined earlier in this document. The Freedom Development
Platform was powered via the OpenSDA USB port for the results specified.
5.1.2
Procedure
1. This procedure uses modified versions of the standard demo build:
a. Measure (using the Sensor Fusion Toolbox) sysTickfusion which only includes time spent in the
core fusion routines. It does not include:
1) calls to magnetic calibration
2) reading sensor data
3) applying hardware abstraction layer
4) RTOS
5) Communications overhead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com