Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YRDZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4899-1YRDZ-R7
Description  Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YRDZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4899-1YRDZ-R7 Datasheet HTML 1Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADA4899-1
Rev. A | Page 3 of 20
SPECIFICATIONS WITH ±5 V SUPPLY
TA = 25°C, G = +1, RL = 1 kΩ to ground, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
VOUT = 25 mV p-p
600
MHz
VOUT = 2 V p-p
80
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VOUT = 2 V p-p
35
MHz
Slew Rate
VOUT = 5 V step
310
V/μs
Settling Time to 0.1%
VOUT = 2 V step
50
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion (dBc) HD2/HD3
fC = 500 kHz, VOUT = 2 V p-p
−123/−123
dBc
fC = 10 MHz, VOUT = 2 V p-p
−80/−86
dBc
Input Voltage Noise
f = 100 kHz
1.0
nV/√Hz
Input Current Noise
f = 100 kHz, DISABLE pin floating
2.6
pA/√Hz
f = 100 kHz, DISABLE pin = +VS
5.2
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
35
230
μV
Input Offset Voltage Drift
5
μV/°C
Input Bias Current
DISABLE pin floating
−6
−12
μA
DISABLE pin = +VS
−0.1
−1
μA
Input Bias Current Drift
3
nA/°C
Input Bias Offset Current
0.05
0.7
μA
Open-Loop Gain
82
85
dB
INPUT CHARACTERISTICS
Input Resistance
Differential mode
4
kΩ
Common mode
7.3
MΩ
Input Capacitance
4.4
pF
Input Common-Mode Voltage Range
−3.7 to +3.7
V
Common-Mode Rejection Ratio
98
130
dB
DISABLE PIN
DISABLE Input Threshold Voltage
Output disabled
<2.4
V
Turn-Off Time
50% of DISABLE voltage to 10% of VOUT,
VIN = 0.5 V
100
ns
Turn-On Time
50% of DISABLE voltage to 90% of VOUT,
VIN = 0.5 V
40
ns
Input Bias Current
DISABLE = +VS (enabled)
17
21
μA
DISABLE = −VS (disabled)
−44
−35
μA
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time (Rise/Fall)
VIN = −2.5 V to +2.5 V, G = +2
30/50
ns
Output Voltage Swing
RL = 1 kΩ
−3.65 to +3.65
−3.7 to +3.7
V
RL = 100 Ω
−3.13 to +3.15
−3.25 to +3.25
V
Short-Circuit Current
Sinking/sourcing
160/200
mA
Off Isolation
f = 1 MHz, DISABLE = −VS
−48
dB
POWER SUPPLY
Operating Range
4.5
12
V
Quiescent Current
14.7
16.2
mA
Quiescent Current (Disabled)
DISABLE = −VS
1.8
2.1
mA
Positive Power Supply Rejection Ratio
+VS = 4 V to 6 V (input referred)
84
90
dB
Negative Power Supply Rejection Ratio
−VS = −6 V to −4 V (input referred)
87
93
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com