Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YRDZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4899-1YRDZ-R7
Description  Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YRDZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4899-1YRDZ-R7 Datasheet HTML 1Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADA4899-1
Rev. A | Page 4 of 20
SPECIFICATIONS WITH +5 V SUPPLY
VS = 5 V @ TA = 25°C, G = +1, RL = 1 kΩ to midsupply, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
VOUT = 25 mV p-p
535
MHz
VOUT = 2 V p-p
60
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VOUT = 2 V p-p
25
MHz
Slew Rate
VOUT = 2 V step
185
V/μs
Settling Time to 0.1%
VOUT = 2 V step
50
ns
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion (dBc) HD2/HD3
fC = 500 kHz, VOUT = 1 V p-p
−100/−113
dBc
fC = 10 MHz, VOUT = 1 V p-p
−89/−100
dBc
Input Voltage Noise
f = 100 kHz
1.0
nV/√Hz
Input Current Noise
f = 100 kHz, DISABLE pin floating
2.6
pA/√Hz
f = 100 kHz, DISABLE pin = +VS
5.2
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
5
210
μV
Input Offset Voltage Drift
5
μV/°C
Input Bias Current
DISABLE pin floating
−6
−12
μA
DISABLE pin = +VS
−0.2
−1.5
μA
Input Bias Offset Current
0.05
μA
Input Bias Offset Current Drift
2.5
nA/°C
Open-Loop Gain
76
80
dB
INPUT CHARACTERISTICS
Input Resistance
Differential mode
4
kΩ
Common mode
7.7
MΩ
Input Capacitance
4.4
pF
Input Common-Mode Voltage Range
1.3 to 3.7
V
Common-Mode Rejection Ratio
90
114
dB
DISABLE PIN
DISABLE Input Threshold Voltage
Output disabled
<2.4
V
Turn-Off Time
50% of DISABLE voltage to 10% of VOUT,
VIN = 0.5 V
100
ns
Turn-On Time
50% of DISABLE voltage to 90% of VOUT,
VIN = 0.5 V
60
ns
Input Bias Current
DISABLE = +VS (enabled)
16
18
μA
DISABLE = −VS (disabled)
−42
−33
μA
OUTPUT CHARACTERISTICS
Overdrive Recovery Time (Rise/Fall)
VIN = 0 V to 2.5 V, G = +2
50/70
ns
Output Voltage Swing
RL = 1 kΩ
1.25 to 3.75
1.2 to 3.8
V
RL = 100 Ω
1.4 to 3.6
1.35 to 3.65
V
Short-Circuit Current
Sinking/sourcing
60/80
mA
Off Isolation
f = 1 MHz, DISABLE = −VS
−48
dB
POWER SUPPLY
Operating Range
4.5
12
V
Quiescent Current
14.3
16
mA
Quiescent Current (Disabled)
DISABLE = −VS
1.5
1.7
mA
Positive Power Supply Rejection Ratio
+VS = 4.5 V to 5.5 V, −VS = 0 V (input referred)
84
90
dB
Negative Power Supply Rejection Ratio
+VS = 5 V, −VS= −0.5 V to +0.5 V (input referred)
86
90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com