Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YRDZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4899-1YRDZ-R7
Description  Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YRDZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4899-1YRDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADA4899-1
Rev. A | Page 7 of 20
100
110
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
G = +2
VS = ±5V
RL = 150Ω
FREQUENCY (MHz)
VOUT = 2V p-p
VOUT = 100mV p-p
Figure 11. 0.1 dB Flatness for Various Output Voltages
1000
10
100
–12
0
–3
–6
–9
3
G = +1
RL = 1kΩ
VOUT = 2V p-p
FREQUENCY (MHz)
VS = ±5V
VS = +5V
Figure 12. Large Signal Frequency Response for Various Supply Voltages
100M
10M
1M
100k
10k
1k
100
10
0.1
1
10
FREQUENCY (Hz)
Figure 13. Voltage Noise vs. Frequency
1000
1
10
100
–12
–9
–6
–3
0
3
G = +1
VS = ±5V
RL = 100Ω
FREQUENCY (MHz)
VOUT = 1V p-p
VOUT = 4V p-p
VOUT = 7V p-p
Figure 14. Large Signal Frequency Response for Various Output Voltages
1000
100
10
1
0.1
0.01
0.001
–20
0
20
40
60
80
100
0
30
60
90
120
150
180
FREQUENCY (MHz)
VS = ±5V
RL = 100Ω
Figure 15. Open-Loop Gain/Phase vs. Frequency
100M
10M
1M
100k
10k
1k
100
10
1
10
100
1k
FREQUENCY (Hz)
DISABLE = NC
DISABLE = 5V
Figure 16. Input Current Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com