Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YRDZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4899-1YRDZ-R7
Description  Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YRDZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4899-1YRDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADA4899-1
Rev. A | Page 9 of 20
15
10
5
0
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
TIME (ns)
G = +1
VS = ±5V
RL = 1kΩ
CL = 0pF
CL = 15pF
CL = 5pF
CL = 15pF
RSNUB = 10Ω
Figure 23. Small Signal Transient Response for
Various Capacitive Loads (Rising Edge)
100
90
80
70
60
50
40
30
20
10
0
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
RL = 1kΩ
VS = ±5V
G = +2
G = +5
G = +10
TIME (ns)
Figure 24. Small Signal Transient Response for Various Gains
100
90
80
70
60
50
40
30
20
10
0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
G = +1
RL = 100Ω
VS = ±5V
VS = +5V
TIME (ns)
Figure 25. Large Signal Transient Response for Various Supply Voltages
15
10
5
0
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
TIME (ns)
G = +1
VS = ±5V
RL = 1kΩ
CL = 0pF
CL = 15pF
CL = 5pF
CL = 15pF
RSNUB = 10Ω
Figure 26. Small Signal Transient Response for
Various Capacitive Loads (Falling Edge)
100
90
80
70
60
50
40
30
20
10
0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
RL = 1kΩ
VS = ±5V
TIME (ns)
G = +2
G = +5
G = +10
Figure 27. Large Signal Transient Response for Various Gains
100
90
80
70
60
50
40
30
20
10
0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
G = +1
RL = 1kΩ
VS = ±5V
VS = +5V
TIME (ns)
Figure 28. Large Signal Transient Response for Various Supply Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com