Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4899-1YRDZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4899-1YRDZ-R7
Description  Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4899-1YRDZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4899-1YRDZ-R7 Datasheet HTML 1Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4899-1YRDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Unity Gain Stable, Ultralow Distortion,
1 nV/
√Hz Voltage Noise, High Speed Op Amp
ADA4899-1
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Unity gain stable
Ultralow noise: 1 nV/√Hz, 2.6 pA/√Hz
Ultralow distortion −117 dBc at 1 MHz
High speed
−3 dB bandwidth: 600 MHz (G = +1)
Slew rate: 310 V/μs
Offset voltage: 230 μV maximum
Low input bias current: 100 nA
Wide supply voltage range: 5 V to 12 V
Supply current: 14.7 mA
High performance pinout
Disable mode
APPLICATIONS
A-to-D drivers
Instrumentation
Filters
IF and baseband amplifiers
DAC buffers
Optical electronics
CONNECTION DIAGRAMS
1
DISABLE
ADA4899-1
2
FEEDBACK
NC = NO CONNECT
3
–IN
+IN 4
+VS
8
VOUT
7
NC
6
–VS
5
Figure 1. 8-Lead LFCSP_VD (CP-8-2)
1
FEEDBACK
ADA4899-1
2
–IN
3
+IN
–VS 4
DISABLE
8
+VS
7
VOUT
6
–VS
5
Figure 2. 8-Lead SOIC_N_EP (RD-8-1)
GENERAL DESCRIPTION
The ADA4899-1 is an ultralow noise (1 nV/√Hz) and distortion
(<−117 dBc @1 MHz) unity gain stable voltage feedback op
amp, the combination of which makes it ideal for 16-bit and
18-bit systems. The ADA4899-1 features a linear, low noise
input stage and internal compensation that achieves high slew
rates and low noise even at unity gain. ADI’s proprietary next
generation XFCB process and innovative circuit design enable
such high performance amplifiers.
The ADA4899-1 drives 100 Ω loads at breakthrough performance
levels with only 15 mA of supply current. With the wide supply
voltage range (4.5 V to 12 V), low offset voltage (230 μV
maximum), wide bandwidth (600 MHz), and slew rate
(310 V/μs), the ADA4899-1 is designed to work in the most
demanding applications. The ADA4899-1 also features an input
bias current cancellation mode, which reduces input bias
current by a factor of 60.
The ADA4899-1 is available in a 3 mm × 3 mm LFCSP and a
8-lead SOIC package. Both packages feature an exposed metal
paddle that improves heat transfer to the ground plane. This is a
significant improvement over traditional plastic packages. The
ADA4899-1 is rated to work over the extended industrial
temperature range, −40°C to +125°C.
100
10
1
0.1
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
G = +1
VS = ±5V
RL = 1kΩ
VOUT = 2V p-p
FREQUENCY (MHz)
HD3
HD2
Figure 3. Harmonic Distortion vs. Frequency


Similar Part No. - ADA4899-1YRDZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4899-1YRDZ-R7 AD-ADA4899-1YRDZ-R7 Datasheet
650Kb / 20P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
ADA4899-1YRDZ-R7 AD-ADA4899-1YRDZ-R7 Datasheet
695Kb / 21P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
Rev. C
ADA4899-1YRDZ-R7 AD-ADA4899-1YRDZ-R7 Datasheet
603Kb / 20P
Unity-Gain Stable, Ultralow Distortion, 1 nV/Hz Voltage Noise, High Speed Op Amp
Rev. C
More results

Similar Description - ADA4899-1YRDZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8099 AD-AD8099 Datasheet
1Mb / 28P
Ultralow Distortion, High Speed 0.95 nV/Hz Voltage Noise Op Amp
6/04-Data Sheet changed from REV. A to REV. B
AD8045 AD-AD8045 Datasheet
667Kb / 24P
3 nV/Hz Ultralow Distortion, High Speed Op Amp
9/04-Data Sheet Changed from Rev. 0 to Rev. A
ADA4899-1 AD-ADA4899-1_07 Datasheet
650Kb / 20P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
ADA4898-1 AD-ADA4898-1 Datasheet
432Kb / 16P
High Voltage, Low Noise, Low Distortion, Unity Gain Stable, High Speed Op Amp
REV. 0
AD8099 AD-AD8099_13 Datasheet
811Kb / 29P
Ultralow Distortion, High Speed 0.95 nV/?뺿z Voltage Noise Op Amp
REV. D
ADA4898-2YRDZ AD-ADA4898-2YRDZ Datasheet
408Kb / 20P
High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
AD8045 AD-AD8045_15 Datasheet
709Kb / 25P
3 nV/Hz Ultralow Distortion, High Speed Op Amp
REV. A
ADA4898-1 AD-ADA4898-1_15 Datasheet
431Kb / 20P
High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
Rev. E
ADA4899-1 AD-ADA4899-1_16 Datasheet
695Kb / 21P
Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
Rev. C
AD8045 AD-AD8045_16 Datasheet
519Kb / 26P
3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com