Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4922-1ARDZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4922-1ARDZ-R7
Description  High Voltage, Differential 18-Bit ADC Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ARDZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4922-1ARDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADA4922-1
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, VS = ±12 V, RL, dm = 1 kΩ, REF = 0 V, DIS = HIGH, TA = 25°C.
3
–30
1
1000
FREQUENCY (MHz)
10
100
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
VO, dm = 0.2V p-p
VS = ±12V
VS = ±5V
Figure 5. Small Signal Frequency Response for Various Power Supplies
3
–30
1
1000
FREQUENCY (MHz)
10
100
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
VO, dm = 0.2V p-p
VS = ±12V @ +85°C
VS = ±12V @ +25°C
VS = ±12V @ –40°C
VS = ±5V @ +85°C
VS = ±5V @ +25°C
VS = ±5V @ –40°C
Figure 6. Small Signal Frequency Response for
Various Temperatures and Supplies
3
–30
1
1000
FREQUENCY (MHz)
10
100
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
VS = ±12V RL, dm = 1kΩ
VS = ±5V RL, dm = 1kΩ
VS = ±12V RL, dm = 500Ω
VS = ±5V RL, dm = 500Ω
VO, dm = 0.2V p-p
Figure 7. Small Signal Frequency Response for
Various Resistive Loads and Supplies
3
–30
FREQUENCY (MHz)
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
1
10
100
VS = ±5V, VO, dm = 12V p-p
VS = ±12V, VO, dm = 40V p-p
Figure 8. Large Signal Frequency Response for Various Power Supplies
3
–30
1
100
FREQUENCY (MHz)
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
10
(ALL VOLTAGES ARE VO, dm)
40V p-p +85
°C
40V p-p +25
°C
40V p-p –40
°C
12V p-p +85
°C
12V p-p +25
°C
12V p-p –40
°C
VO, dm = 12V p-p (VS = ±5V)
VO, dm = 40V p-p (VS = ±12V)
Figure 9. Large Signal Frequency Response at
Various Temperatures and Supplies
3
–30
1
100
FREQUENCY (MHz)
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
10
VS = ±12V, RL, dm = 1kΩ
VS = ±5V, RL, dm = 1kΩ
VS = ±12V, RL, dm = 500Ω
VS = ±5V, RL, dm = 500Ω
VO, dm = 12V p-p (VS = ±5V)
VO, dm = 40V p-p (VS = ±12V)
Figure 10. Large Signal Frequency Response for
Various Resistive Loads and Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com