Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4922-1ARDZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4922-1ARDZ-R7
Description  High Voltage, Differential 18-Bit ADC Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ARDZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4922-1ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4922-1
Rev. 0 | Page 10 of 20
100
0
1
100M
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
90
80
70
60
50
40
30
20
10
Figure 22. Differential Output Noise vs. Frequency
0.12
–0.12
0.10
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
VS = ±5V
VS = ±12V
20ns/DIV
Figure 23. Small Signal Transient Response for Various Power Supplies
0.125
–0.125
0.100
0.075
0.050
0.025
0
–0.025
–0.050
–0.075
–0.100
CL = 0pF
CL = 10pF
CL = 20pF
5ns/DIV
Figure 24. Small Signal Transient Response for Various Capacitive Loads
50
0
FREQUENCY (Hz)
110
1
100k
1k
100
10k
45
40
15
20
30
35
10
5
25
M
Figure 25. Input Current Noise vs. Frequency
22
–22
18
14
10
6
2
–2
–6
–10
–14
–18
TIME (
μs)
100ns/DIV
CL = 20pF
VOUT = 40V p-p
Figure 26. Large Signal Transient Response for Various Power Supplies
22
–22
18
14
10
6
2
–2
–6
–10
–14
–18
20ns/DIV
CL = 0pF
CL = 20pF
Figure 27. Large Signal Transient Response for Various Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com