Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4922-1ARDZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4922-1ARDZ-R7
Description  High Voltage, Differential 18-Bit ADC Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ARDZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4922-1ARDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 15Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 16Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 17Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADA4922-1
Rev. 0 | Page 14 of 20
THEORY OF OPERATION
The ADA4922-1 is dual amplifier that has been optimized to
drive a differential ADC from a single-ended input source with
a minimum number of external components (see Figure 41).
R
R
IN
OUT+
OUT–
REF
Figure 41. Functional Diagram
The differential output voltage is defined as
VO, dm = VOUT+ − VOUT−
(1)
Each amplifier in Figure 41 is identical, and the value of Resistor R
is set at 600 Ω, yielding an optimal trade-off between output
differential noise, internal power dissipation, and overall
system linearity. For basic operation, the REF input is tied to
the midswing level of the input signal, which is often midsupply.
The input signal (referenced to REF) produces a differential
output signal with an overall gain of +2. Figure 42 shows typical
operation on ±12 V supplies with the source referenced to 0 V
and the REF pin tied to 0 V.
20
–10
0
50
TIME (
μs)
10
0
–10
–20
10
5
0
–5
515
10
20
25
30
35
40
45
OUT+
OUT–
REF
VIN
Figure 42. Typical Input/Output Response—Centered Reference
If an application uses an input midswing voltage other than
midsupply, the REF pin needs to be offset to the input midswing
level to obtain outputs that do not exhibit a differential offset
(see Figure 43). If the voltage applied to the REF pin is different
from the midswing level of the input signal, a dc offset is
created between outputs VOUT+ and VOUT−. Figure 44 illustrates
this condition when the input signal is referenced to a positive
level, and the REF pin is connected to 0 V.
10
–2.5
0
50
TIME (
μs)
5
0
–5
–10
10
5
0
515
10
20
25
30
35
40
45
OUT+
OUT–
REF
VIN
Figure 43. Typical Input/Output Response—Equal Input/Reference
20
–10
0
50
TIME (
μs)
15
10
5
0
–5
10
5
0
–5
515
10
20
25
30
35
40
45
OUT+
OUT–
REF
VIN
Figure 44. Typical Input/Output Response—Unequal Input/Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com