Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4922-1ARDZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4922-1ARDZ-R7
Description  High Voltage, Differential 18-Bit ADC Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ARDZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4922-1ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4922-1ARDZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADA4922-1
Rev. 0 | Page 11 of 20
8
–8
–6
6
4
–4
–2
–4.8
–3.6
–2.4
–1.2
1.2
0
2.4
3.6
4.8
0
2
VS = ±5V
VO, dm = 12V p-p
VOUT, dm
ERROR
VIN
1
μs/DIV
Figure 28. Settling Time, VS = ±5 V
12
–12
0
4
8
–8
–4
INPUT
× 2
OUTPUT
1
μs/DIV
Figure 29. Input Overdrive Recovery, VS = ±5 V
1.2
–1.2
TEMPERATURE (
°C)
–40
–20
80
60
20
040
1.0
0.8
–0.4
–0.2
0
0.4
0.6
–0.6
–1.0
–0.8
0.2
VS = ±12V
VS = ±5V
Figure 30. Differential Output Offset Voltage vs. Temperature
28
–28
–21
21
14
–14
–7
–16
–12
–8
–4
4
0
8
12
16
0
7
VS = ±12V
VO, dm = 40V p-p
VOUT, dm
ERROR
VIN
1
μs/DIV
Figure 31. Settling Time, VS = ±12 V
26
22
–26
2
10
6
18
14
–18
–22
–2
–6
–10
–14
INPUT
× 2
OUTPUT
1
μs/DIV
Figure 32. Input Overdrive Recovery, VS = ±12 V
50
0
DIFFERENTIAL OUTPUT OFFSET VOLTAGE (mV)
45
40
15
20
25
30
35
10
5
VS = ±5V
MEAN = 0.25mV
STD. DEV. = 0.19mV
VS = ±12V
MEAN = –0.07mV
STD. DEV. = 0.17mV
NUMBER OF
UNITS = 590
Figure 33. Differential Output Offset Voltage Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com